Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MH48FDD-R

  • AI
    The **MH48FDD-R** is a specialized electronic component, typically identified as a **high-voltage, high-efficiency DC-DC step-down (buck) converter module** or a specific **solid-state relay/interface module** depending on the specific manufacturer (most commonly associated with industrial power supplies or specialized Japanese electronics like Mitsubishi or Mimaki). Below is a breakdown of the electronic characteristics and technical specifications generally associated with this part series. --- ### 1. General Specifications The MH48FDD-R is designed for industrial environments where stability and high voltage conversion are required. | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 36V to 72V DC (Standard 48V Nominal) | | **Output Voltage** | Typically 5V or 12V DC (Model dependent) | | **Cooling** | Conduction/Baseplate Cooling | | **Mounting Type** | Through-Hole (PCB Mount) | | **Isolation** | Input-to-Output Isolation (Galvanic) | --- ### 2. Key Electronic Components & Internal Logic The internal circuitry of a module like the MH48FDD-R consists of several critical stages: 1. **Input Filter:** Consists of LC (Inductor-Capacitor) circuits to suppress electromagnetic interference (EMI) and handle voltage spikes from the 48V rail. 2. **Switching Element:** Utilizes high-speed **MOSFETs** (Metal-Oxide-Semiconductor Field-Effect Transistors) to pulse the input voltage at high frequencies (usually 100kHz+). 3. **Transformer/Inductor:** A high-frequency ferrite core transformer provides the necessary galvanic isolation and step-down capability. 4. **Rectification & Smoothing:** Schottky diodes or synchronous rectifiers convert the high-frequency AC back to DC, followed by low-ESR electrolytic or ceramic capacitors to minimize ripple. 5. **Control Loop (PWM):** An integrated circuit (IC) monitors the output voltage and adjusts the Pulse Width Modulation (PWM) duty cycle to maintain a constant output despite load changes. --- ### 3. Protection Features To ensure the safety of the surrounding electronic parts, the MH48FDD-R typically includes: * **Over-Current Protection (OCP):** Shuts down or limits current if a short circuit occurs. * **Over-Voltage Protection (OVP):** Prevents the output voltage from exceeding safe limits if the internal control loop fails. * **Thermal Shutdown:** Reduces power or turns off if the internal temperature exceeds a safe threshold (usually around 100°C - 125°C). --- ### 4. Common Applications Due to its 48V input rating, this part is frequently found in: * **Telecommunications:** Converting 48V battery bank power to logic-level voltages (3.3V/5V). * **Industrial Automation:** Powering PLC (Programmable Logic Controller) components. * **Large Format Printers:** Often used in Mimaki or Roland mainboards to regulate power for printhead carriage electronics. --- ### 5. Pin Configuration (Typical) *Note: Always verify with the specific datasheet for your manufacturer.* | Pin Name | Function | | :--- | :--- | | **+Vin** | Positive 48V Input | | **-Vin** | Input Return/Ground | | **+Vout** | Regulated Output Voltage | | **-Vout** | Output Return/Common | | **CNT/REM** | Remote Control (On/Off toggle) | ---
    ✨ Follow-up Questions
    • ⤷What is the maximum output current for the MH48FDD-R module?
    • ⤷ How do I troubleshoot a failure in the MH48FDD-R within a printer circuit board?
    • ⤷ Are there compatible alternatives or equivalents for the MH48FDD-R?