MH54FAG-R
AI

The **MH54FAG-R** is a specific electronic component primarily categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits for filtering and energy storage.
---
### 1. Component Overview
The MH54FAG series is designed for high-density power supply applications. It is engineered to handle significant current levels while maintaining a small footprint on a Printed Circuit Board (PCB).
### 2. Technical Specifications
While exact values can vary based on the manufacturer’s specific batch (often linked to brands like *Sunlord* or *Murata* style equivalents), the general characteristics are as follows:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Fixed Power Inductor |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Inductance Range** | Typically 0.47µH to 10µH (varies by suffix) |
| **DC Resistance (DCR)** | Low (mΩ range) to minimize power loss |
| **Operating Temp** | -40°C to +125°C |
| **Shielding** | Magnetically Shielded (reduces EMI) |
### 3. Key Features
* **High Current Handling:** Designed to sustain high saturation currents without a significant drop in inductance.
* **Low Profile:** The "54" in the part number often refers to the physical dimensions (e.g., approx. 5.0mm x 5.0mm x 4.0mm).
* **Magnetic Shielding:** The construction prevents electromagnetic interference (EMI) from affecting nearby sensitive components like CPUs or RF modules.
* **Heat Resistance:** Built using materials that can withstand high-temperature reflow soldering processes.
### 4. Common Applications
These inductors are found in circuits where voltage needs to be converted efficiently:
1. **DC-DC Converters:** Used in "Buck" or "Boost" regulators to stabilize output voltage.
2. **Consumer Electronics:** Powering modules in laptops, tablets, and smartphones.
3. **LED Drivers:** Managing the current flow to high-brightness LEDs.
4. **Automotive Infotainment:** Providing clean power to dashboard displays and sensors.
### 5. Part Number Breakdown (General)
* **MH:** Series prefix (often denotes High-Current/High-Frequency).
* **54:** Physical dimensions (Height/Width code).
* **FAG:** Material or internal construction code.
* **-R:** Usually indicates "RoHS Compliant" or "Tape & Reel" packaging for automated assembly.
---
- ⤷What is the exact inductance value for the 'R' variant of this series?
- ⤷ How does magnetic shielding in the MH54FAG-R improve circuit performance?
- ⤷ What are the footprint dimensions for the MH54 series on a PCB?