MH72TDD-R
AI

The **MH72TDD-R** is a specific model of a **Magnetic Buzzer** (or Magnetic Transducer), commonly used in electronics to provide audible feedback or alarms. It is an electromagnetic component designed for high-reliability applications.
---
## 1. Technical Specifications
The following table outlines the typical electrical and physical characteristics for the MH72TDD-R series:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Magnetic / Electromagnetic |
| **Rated Voltage** | 1.5V - 12V (depending on sub-model) |
| **Operating Voltage** | 1.0V ~ 15V DC |
| **Sound Pressure Level (SPL)** | ≥ 85dB at 10cm |
| **Resonant Frequency** | 2048 Hz or 2300 Hz |
| **Current Consumption** | Max 30mA - 80mA |
| **Mounting Type** | Through-hole (DIP) or Surface Mount (SMD) |
| **Housing Material** | PBT or LCP (High-temperature resistant) |
---
## 2. Operating Principle
Unlike piezo buzzers which use crystals, the **MH72TDD-R** operates on electromagnetism:
1. **Coil & Magnet:** Inside the plastic casing is a wire coil and a permanent magnet.
2. **Diaphragm:** A flexible metal disk (diaphragm) is suspended above the coil.
3. **Vibration:** When an oscillating electrical signal passes through the coil, it creates a fluctuating magnetic field. This field pulls and releases the metal diaphragm rapidly.
4. **Sound:** The rapid vibration of the diaphragm moves the air, creating sound waves at the frequency of the input signal.
---
## 3. Circuit Integration
To use the MH72TDD-R, you typically need a driving circuit because it is a **transducer** (it does not have a built-in oscillator).
### Basic Transistor Driver
To drive this part with a microcontroller (like an Arduino or ESP32), a transistor is required to handle the current:
```cpp
// Example: Generating a 2kHz tone on Pin 9
void setup() {
pinMode(9, OUTPUT);
}
void loop() {
tone(9, 2048); // Send 2048Hz signal to the MH72TDD-R
delay(1000);
noTone(9);
delay(1000);
}
```
---
## 4. Key Applications
* **Consumer Electronics:** Microwave ovens, washing machines, and timers.
* **Industrial Equipment:** Control panel alerts and fault indicators.
* **Medical Devices:** Pulse monitors or equipment status alarms.
* **Automotive:** Dashboard alerts and turn signal indicators.
- ⤷
What is the difference between the MH72TDD-R and a piezo buzzer?
- ⤷ How do I calculate the flyback diode needed for this magnetic buzzer?
- ⤷ Can this component be driven directly by a microcontroller GPIO pin?