AI

The **MH73TBG-R** is a specific electronic component primarily identified as a **Micro-USB Type-B Connector**. These parts are essential in hardware design for power delivery and data synchronization in portable electronics.
Below is a detailed breakdown of its specifications, construction, and applications.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | Micro-USB Type-B |
| **Gender** | Female (Receptacle) |
| **Mounting Type** | Surface Mount (SMT) / Right Angle |
| **Number of Pins** | 5 Pins (VCC, D-, D+, ID, GND) |
| **Current Rating** | Usually 1.0A - 1.8A (standard Micro-USB) |
| **Voltage Rating** | 30V AC/DC |
| **Shielding** | Fully shielded metal shell |
---
### 2. Key Physical Components
* **Insulator:** Typically made of high-temperature thermoplastic (LCP or Nylon), designed to withstand reflow soldering temperatures.
* **Contacts:** High-conductivity copper alloy, usually plated with **Gold** on the contact area to prevent corrosion and **Tin** on the solder tails for better adhesion.
* **Shell:** Stainless steel or copper alloy with nickel plating. It features "Grounding Tabs" or "Shielding Legs" that are soldered to the PCB to provide mechanical stability and EMI protection.
* **The "-R" Suffix:** In electronic manufacturing, this usually denotes **Tape & Reel** packaging, indicating the part is intended for automated Pick-and-Place assembly machines.
---
### 3. Pin Configuration
The 5-pin layout of the MH73TBG-R follows the standard USB 2.0 Micro-B protocol:
| Pin Number | Signal Name | Description |
| :--- | :--- | :--- |
| 1 | **VBUS** | +5V Power Supply |
| 2 | **D-** | Data Negative |
| 3 | **D+** | Data Positive |
| 4 | **ID** | Identifies Host vs. Slave (OTG) |
| 5 | **GND** | Signal and Power Ground |
---
### 4. Common Applications
Because of its compact "Right Angle" orientation, it is frequently found in:
* **Mobile Devices:** Older smartphones and tablets.
* **Peripherals:** Wireless mice, keyboards, and Bluetooth speakers.
* **Development Boards:** Basic Arduino or ESP8266/ESP32 modules.
* **Charging Circuits:** Battery management systems for Li-Po batteries.
---
- ⤷
What are the PCB footprint requirements for the MH73TBG-R?
- ⤷ How does the 'Right Angle' mounting affect the mechanical durability of the port?
- ⤷ What is the difference between this part and a USB-C receptacle in terms of pin count?