Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MH73TDG-R

  • AI
    The **MH73TDG-R** is a specific surface-mount (SMD) Power Inductor, commonly utilized in automotive and high-reliability industrial electronics. It belongs to the metal composite or shielded ferrite series produced by manufacturers such as **Coilcraft** or specialized component vendors like **Cyntec**. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The part number follows a standard naming convention that defines its physical size and electrical properties. | Parameter | Specification | | :--- | :--- | | **Component Type** | Fixed Power Inductor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Shielding** | Magnetically Shielded | | **Core Material** | Composite Metal Powder / Ferrite | | **Operating Temp** | -40°C to +125°C (Standard for Automotive) | --- ### 2. Key Electronic Features #### A. Magnetically Shielded Construction The "R" suffix typically denotes a shielded design. This is critical for high-density PCB layouts because it minimizes **Electromagnetic Interference (EMI)**. It prevents the magnetic field generated by the inductor from interfering with nearby sensitive components. #### B. High Saturation Current ($I_{sat}$) Due to the metal composite core often used in the MH series, these inductors handle high current spikes without the inductance dropping off sharply. This is known as "soft saturation." #### C. Low DC Resistance (DCR) The internal windings are designed to have very low resistance. This minimizes power loss (heat) and improves the overall efficiency of the power supply circuit. --- ### 3. Common Applications This part is typically found in **DC-DC Converter** circuits. Specific use cases include: * **Automotive Electronics:** Infotainment systems, LED lighting drivers, and ADAS modules. * **Computing:** High-efficiency VRM (Voltage Regulator Modules) for CPUs and GPUs. * **Industrial:** Power supplies for PLC (Programmable Logic Controllers). --- ### 4. Part Number Breakdown (Generic) While manufacturers vary slightly, the code usually breaks down as follows: | Segment | Meaning | | :--- | :--- | | **MH** | Series designation (High Current/Metal) | | **73** | Case Size (Approx 7.0mm x 7.0mm) | | **TDG** | Material or Winding characteristic code | | **-R** | Shielded / RoHS Compliant / Tape & Reel packaging | --- ### 5. Technical Precautions 1. **Thermal Management:** Ensure the PCB copper traces are wide enough to handle the rated current to prevent overheating. 2. **Solder Profile:** As an SMD component, it requires a specific Reflow Solder profile to avoid cracking the core material.
    ✨ Follow-up Questions
    • ⤷ What is the specific inductance value for the MH73TDG-R?
    • ⤷ Can this part be used in AEC-Q200 qualified automotive applications?
    • ⤷ What are the recommended footprint dimensions for soldering this inductor?