Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MH78TCG-R

  • AI
    The **MH78TCG-R** is a specific electronic component primarily used in industrial power electronics. It is part of the **MH78 Series** of high-efficiency switching regulators designed to replace traditional linear regulators (like the 78xx series). --- ### 1. General Specifications The MH78TCG-R is a **Step-Down (Buck) Switching Regulator**. Below is a summary of its typical characteristics: | Feature | Specification | | :--- | :--- | | **Type** | DC/DC Converter (Switching Regulator) | | **Input Voltage Range** | Typically 4.5V to 28V (model dependent) | | **Output Current** | 0.5A to 1.0A (standard for MH78 series) | | **Efficiency** | Up to 90% - 95% | | **Package Style** | Vertical or Horizontal SIP (Single In-line Package) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Key Components & Internal Structure Inside the MH78TCG-R, several electronic elements work together to manage power: 1. **Integrated Controller IC:** Manages Pulse Width Modulation (PWM) to regulate the output voltage. 2. **Power MOSFET:** Acts as the high-speed switch that converts DC to high-frequency pulses. 3. **Inductor:** Stores energy during the "on" cycle and releases it during the "off" cycle to provide a steady output. 4. **Capacitors:** Internal input and output capacitors filter electrical noise and stabilize voltage. 5. **Thermal Protection:** Built-in circuitry that shuts the unit down if it exceeds safe operating temperatures. --- ### 3. Advantages over Linear Regulators The "78" in the name suggests it is a pin-compatible replacement for the **LM7805** or similar linear regulators. * **Heat Dissipation:** Unlike linear regulators, which dissipate excess voltage as heat, the MH78TCG-R uses switching technology, meaning it remains cool and often does **not** require a heatsink. * **Energy Savings:** Because of its high efficiency, it is ideal for battery-powered devices where extending battery life is critical. * **Footprint:** It fits into the same TO-220 footprint, allowing for easy upgrades on existing PCBs. --- ### 4. Pin Configuration The device typically follows the standard 3-pin layout: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | **Vin** | Positive Input Voltage | | **2** | **GND** | Ground / Common | | **3** | **Vout** | Regulated Output Voltage | --- ### 5. Common Applications * **Industrial Automation:** Powering PLCs or sensors from a 24V rail. * **Battery Systems:** Converting 12V/24V batteries down to 5V for microcontrollers. * **Telecommunications:** Distributed power architectures.
    ✨ Follow-up Questions
    • ⤷ What is the exact output voltage of the MH78TCG-R model?
    • ⤷ Can this component be used without external capacitors?
    • ⤷ How does the 'R' suffix in the part number affect its mounting orientation?