MHDPPK37-R-K
AI

The **MHDPPK37-R-K** is a high-quality connector kit manufactured by **MH Connectors**. It is primarily designed for D-Subminiature (D-Sub) connections, commonly used in serial data communication and industrial equipment.
---
## 1. Product Overview
This part number represents a complete kit that includes a **37-pin D-Sub plug** and a **plastic backshell (hood)**.
### Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | D-Sub Plug (Male) |
| **Number of Positions** | 37 Pins |
| **Shell Size** | DC (Standard 37-pin size) |
| **Shell Material** | Polyamide (Plastic), UL94V-0 Rated |
| **Contact Plating** | Gold Flash over Nickel |
| **Mounting Type** | Cable Mount (Solder Cup) |
| **Orientation** | Straight Exit |
---
## 2. Component Breakdown
### A. The Connector (Plug)
The internal electronic component is a **37-way male D-sub**.
* **Solder Cups:** The pins have hollowed "cups" at the back, allowing wires to be inserted and soldered manually.
* **Contacts:** Usually rated for approximately **5 Amps** per contact.
### B. The Backshell (Hood)
The "PPK" in the part number refers to the **MHDPPK series** hood.
* **Material:** It is made of black Polyamide (Plastic). Unlike metalized versions, this provides insulation but not EMI/RFI shielding.
* **Cable Strain Relief:** Includes a high-grade plastic strain relief insert to prevent the wires from being pulled out of the solder joints.
* **Jackscrews:** Comes with 4-40 UNC thumb screws for securing the connector to its mating socket.
---
## 3. Applications
The MHDPPK37-R-K is widely used in environments where weight and cost-efficiency are prioritized over heavy shielding:
* **Industrial Controls:** Connecting PLC units to peripheral devices.
* **Networking:** Legacy RS-232/RS-449 serial communication.
* **Test Equipment:** Custom cable assemblies for laboratory data acquisition.
---
## 4. Assembly Note
To assemble this part, you will typically need:
1. **Soldering Iron:** To attach the wires to the 37 pins.
2. **Wire Strippers:** For 20-28 AWG wire preparation.
3. **Small Screwdriver:** To close the plastic housing and tighten the jackscrews.
- ⤷
What is the difference between this plastic hood and the 'MHDM' metalized version?
- ⤷ What wire gauge (AWG) is recommended for the solder cups on this connector?
- ⤷ Does this kit include the female socket or is it plug only?