MHDPPK9-R-K
AI

The **MHDPPK9-R-K** is a high-quality connector kit commonly used in data networking and industrial electronics. Specifically, it is a **9-pin D-Sub (DB9) Plug Kit** designed for durability and ease of assembly.
Below is a detailed breakdown of its components and electronic specifications.
---
### 1. Component Breakdown
The "K" in the part number typically denotes a complete **Kit**, which includes the following physical parts:
| Component | Description |
| :--- | :--- |
| **Connector** | A 9-pin Male D-Sub (Plug) with Solder Bucket terminations. |
| **Backshell (Hood)** | A rugged, black Polyamide (Plastic) housing. |
| **Hardware** | Two long thumbscrews (usually 4-40 UNC thread) and internal strain relief clamps. |
| **Contacts** | Gold-plated copper alloy pins for high conductivity and oxidation resistance. |
---
### 2. Technical Specifications
The electronic performance of the MHDPPK9-R-K is defined by the quality of the D-Sub insert and the shielding properties of the shell.
| Feature | Specification |
| :--- | :--- |
| **Number of Contacts** | 9 Pins |
| **Gender** | Male (Plug) |
| **Termination Style** | Solder Cup (Accepts 20-28 AWG wire) |
| **Current Rating** | 5 Amps per contact |
| **Voltage Rating** | 250V AC/DC |
| **Contact Resistance** | < 10 mΩ |
| **Insulation Resistance** | > 5000 MΩ |
| **Operating Temperature** | -55°C to +105°C |
---
### 3. Key Electronic Features
* **Solder Cup Termination:** This allows for a permanent, low-resistance electrical connection between the wire and the pin. It is preferred for custom cable lengths or field repairs.
* **Gold Plating:** The pins are typically flash-plated with gold. This prevents corrosion (tarnish) which is vital for maintaining signal integrity in low-voltage data applications like RS-232.
* **Strain Relief:** The kit includes a compression insert system. This prevents mechanical stress on the solder joints if the cable is pulled, ensuring the circuit remains closed.
* **Material:** The backshell is made of **Polyamide (UL94V-0)**, providing excellent electrical insulation and flame retardancy.
---
### 4. Common Applications
* **RS-232 Serial Communication:** The standard 9-pin configuration for COM ports.
* **Industrial Control:** Connecting PLCs (Programmable Logic Controllers) to HMI screens.
* **CAN bus:** Used in automotive and automation environments for robust data transmission.
* **Custom Tooling:** DIY interfaces for microcontrollers (Arduino/Raspberry Pi) and diagnostic equipment.
- ⤷
What is the difference between the 'R' and 'K' suffixes in this part number?
- ⤷ Can this connector be used for high-speed data transmission like USB 3.0?
- ⤷ What gauge of wire is recommended for the solder buckets in this kit?