MHO+11FAAG-R
AI

The **MHO+11FAAG-R** is a specific part number typically associated with a **High-Frequency Crystal Oscillator**. These components are essential in digital electronics for providing a stable clock signal to microprocessors, FPGAs, and communication interfaces.
---
## 1. Technical Specifications
The part number follows a specific nomenclature used by manufacturers (often MtronPTI). Below are the typical characteristics of this series:
| Parameter | Typical Specification |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) |
| **Package / Case** | 14-pin DIP (Full Size) |
| **Output Type** | CMOS / TTL Compatible |
| **Frequency Range** | Usually 1.000 MHz to 150.000 MHz |
| **Supply Voltage (Vcc)** | 5.0V (Standard for MHO series) |
| **Stability** | ±100ppm to ±25ppm (depending on suffix) |
| **Operating Temperature** | 0°C to +70°C (Commercial Grade) |
---
## 2. Pin Configuration
Since this is a 14-pin DIP package (though it often only utilizes 4 pins physically), the layout usually follows this industry standard:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC or Tri-state | No connection or Output Enable/Disable |
| **7** | GND | Circuit Ground |
| **8** | Output | The generated clock signal (Square Wave) |
| **14** | Vcc | Power Supply (+5V) |
---
## 3. Key Features
* **Hermetically Sealed:** The metal "can" package is resistance-welded to protect the quartz crystal from moisture and atmospheric contaminants, ensuring long-term frequency stability.
* **Thru-Hole Mounting:** Designed for traditional PCB mounting or insertion into sockets, making it ideal for industrial equipment and legacy hardware.
* **Low Jitter:** Provides a precise timing source necessary for high-speed data processing.
---
## 4. Part Number Breakdown (Example)
While specific codes vary by manufacturer, the **MHO+11FAAG-R** generally breaks down as:
* **MHO:** Series designation (High-frequency oscillator).
* **11:** Packaging code (Full-size 14-pin DIP).
* **F:** Frequency stability code (e.g., ±100ppm).
* **AA:** Temperature range and Duty Cycle parameters.
* **-R:** RoHS Compliant (Lead-free).
---
- ⤷
What is the exact frequency of the MHO+11FAAG-R variant?
- ⤷ Can this oscillator be used in 3.3V circuits?
- ⤷ What are the common alternatives to the 14-pin DIP package in modern electronics?