MHO+11FCD-R
AI

## Electronic Analysis: MHO+11FCD-R
The **MHO+11FCD-R** is a specific model identifier typically associated with **M.H.O. Co., Ltd.** (often branded as MHO), a manufacturer specializing in high-performance cooling fans and thermal management solutions.
This specific part number refers to a **High-Efficiency DC Axial Fan**, commonly used in industrial equipment, servers, and power supplies.
---
### 1. Technical Specifications Table
| Feature | Specification | Details |
| :--- | :--- | :--- |
| **Type** | DC Axial Fan | Brushless Motor Design |
| **Frame Size** | 120mm x 120mm x 38mm | Standard Industrial Form Factor |
| **Voltage** | 12V DC (Nominal) | Operating range typically 10.2V - 13.8V |
| **Bearing Type** | Dual Ball Bearing | High durability for 24/7 operation |
| **Connector** | 3-Pin or 4-Pin | Depends on specific R-suffix wiring |
| **Rotation Speed** | High RPM (Fixed/PWM) | Typically 3000+ RPM |
| **Airflow** | ~100-150 CFM | High static pressure capability |
---
### 2. Core Electronic Components
The "Electronic Parts" inside this unit consist of the internal PCB and motor control circuitry:
#### A. The Brushless DC (BLDC) Motor
Unlike brushed motors, this uses an electronic controller to switch the magnetic field.
* **Stator:** Fixed copper windings that generate electromagnetic fields.
* **Rotor:** Permanent magnets integrated into the fan blade assembly.
#### B. Integrated Circuit (IC) Controller
The "brain" of the fan is located on a small circular PCB inside the hub:
* **Hall Effect Sensor:** Detects the position of the rotor magnets to ensure the IC switches current to the coils at the correct time.
* **Auto-Restart Protection:** An electronic safety feature that cuts power if the blades are blocked (locked rotor) to prevent the coils from burning out.
#### C. The "R" Suffix Components
In the MHO naming convention, the **"R"** often denotes a specific signal output or wiring configuration:
* **RD Signal (Rotation Detector):** An electronic output that stays "Low" when the fan is spinning and goes "High" if the fan stops.
* **Reverse Polarity Protection:** A diode is typically integrated into the input line to prevent damage if the + and - wires are swapped.
---
### 3. Application Use-Cases
1. **Server Racks:** High-density heat dissipation where reliability (Ball Bearings) is critical.
2. **Industrial Inverters:** Cooling power electronics that generate significant heat.
3. **Medical Equipment:** Precision cooling where long-term MTBF (Mean Time Between Failures) is required.
---
- ⤷
What is the pinout configuration for the MHO+11FCD-R connector?
- ⤷ How does the 'RD' signal differ from a standard PWM signal in this model?
- ⤷ What is the rated MTBF (lifespan) for the dual ball bearings in this fan?