MHO+11TGD-R
AI

Based on the part number provided, the **MHO+11TGD-R** is a high-precision **Crystal Oscillator** (often referred to as a Clock Oscillator). It is commonly used in telecommunications, networking, and high-speed data processing applications.
---
## 1. Technical Specifications
Below is a breakdown of the key electrical and physical characteristics of this component:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | XO (Standard Clock Oscillator) |
| **Package Type** | 5x7 mm (Ceramic SMD Package) |
| **Output Type** | HCMOS / TTL Compatible |
| **Frequency Range** | Typically 1.000 MHz to 100.000 MHz (Specific to order) |
| **Supply Voltage (Vcc)** | +5.0V DC |
| **Frequency Stability** | ±100 ppm (Standard for the "11" series) |
| **Operating Temp Range** | 0°C to +70°C (Commercial Grade) |
| **RoHS Status** | Compliant (Indicated by the "-R" suffix) |
---
## 2. Part Number Breakdown
Understanding the nomenclature helps in identifying the specific performance tier:
* **MHO**: Series designation (Metal Hybrid Oscillator / High Stability).
* **+**: Indicates lead-free/RoHS compliance.
* **1**: Denotes the supply voltage (1 = 5.0V).
* **1**: Denotes the stability (1 = ±100 ppm).
* **T**: Denotes the output type (T = TTL/HCMOS).
* **G**: Denotes the duty cycle (G = 40/60% or 45/55%).
* **D**: Denotes the Tri-state Enable/Disable function.
* **-R**: Tape and Reel packaging.
---
## 3. Pin Configuration
For a standard 5x7mm SMD oscillator like the MHO series, the pinout is typically as follows:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | E/D (Enable/Disable) | High or Open = Output Active; Low = High Impedance |
| **Pin 2** | Case Ground | Connected to the metal lid for EMI shielding |
| **Pin 3** | Output | The generated clock signal |
| **Pin 4** | Vcc | Positive Power Supply (+5.0V) |
---
## 4. Typical Applications
* **Microprocessors:** Providing the base clock for CPUs or MCUs.
* **Networking:** Synchronizing data transmission in Ethernet switches or routers.
* **Industrial Control:** Timing for automated machinery and PLC systems.
* **Storage:** Clocking for RAID controllers and NAS systems.
- ⤷What is the difference between the MHO+11 and the MHO+13 series?
- ⤷ Can this oscillator be used with a 3.3V power supply?
- ⤷ How does the Tri-state Enable/Disable function affect power consumption?