MHO+12FAG-R
AI

The **MHO+12FAG-R** is a specific type of **Crystal Oscillator** manufactured by MtronPTI. It is a high-precision frequency control component used to provide a stable clock signal for electronic circuits.
### 1. Key Technical Specifications
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Quartz Crystal Oscillator (Fixed) |
| **Package Type** | 14-pin DIP (Dual In-line Package) - Full Size |
| **Output Type** | HCMOS / TTL Compatible |
| **Voltage Supply** | Typically 5.0V (Standard for MHO series) |
| **Frequency Range** | Varies by sub-model (Check specific markings for MHz) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (Indicated by the "-R" suffix) |
---
### 2. Breakdown of the Part Number
The alphanumeric code provides specific details about the manufacturing standards and physical properties:
* **MHO**: Represents the Series (MtronPTI High-reliability Oscillator).
* **+**: Often signifies a specific lead-free or improved processing version.
* **12**: Refers to the frequency stability (typically ±100ppm or ±50ppm depending on the datasheet revision).
* **F**: Refers to the Symmetry/Duty Cycle (usually 40/60% or 45/55%).
* **A**: Temperature Range (Standard Commercial or Industrial).
* **G**: Output Load (usually 15pF or 50pF).
* **-R**: **RoHS Compliant**. This confirms the part is manufactured without hazardous substances like lead.
---
### 3. Pin Configuration (Full-Size DIP)
Since this is a 4-pin device housed in a 14-pin footprint, the connections are standard:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | NC / Tri-state | No Connection or Output Enable/Disable |
| **Pin 7** | GND | Circuit Ground |
| **Pin 8** | Output | The generated clock signal (Square wave) |
| **Pin 14** | Vcc | Positive Power Supply (+5V) |
---
### 4. Typical Applications
The MHO+12FAG-R is designed for "through-hole" mounting on Printed Circuit Boards (PCBs). It is commonly found in:
* **Legacy Computing:** Motherboards and peripheral controllers.
* **Industrial Control:** PLCs and automation timing.
* **Networking:** Routers and switches requiring a stable 5V clock source.
* **Testing Equipment:** Signal generators and measurement tools.
- ⤷
What is the exact frequency of your specific MHO+12FAG-R unit?
- ⤷ Do you need a modern Surface Mount (SMD) equivalent for this part?
- ⤷ How do I test if this oscillator is functioning correctly using an oscilloscope?