MHO+12TBD-R
AI

The **MHO+12TBD-R** is a specific series of high-frequency crystal oscillators, typically manufactured by companies like **MtronPTI**. These components are essential for providing a stable clock signal in digital circuits.
### 1. Component Identification
The part number can be broken down into specific technical parameters:
| Code Segment | Description |
| :--- | :--- |
| **MHO+** | Indicates the product series (High-reliability, high-frequency HCMOS/TTL). |
| **1** | Typically denotes the supply voltage (e.g., 5.0V). |
| **2** | Denotes the frequency stability (e.g., ±50ppm or ±100ppm depending on the specific datasheet revision). |
| **TBD** | Often represents a placeholder for custom frequency or specific packaging configurations. |
| **R** | Indicates compliance with **RoHS** (Reduction of Hazardous Substances) standards. |
---
### 2. Technical Specifications
While the exact frequency is determined by the "TBD" segment, the general characteristics of the MHO series are as follows:
* **Output Type:** HCMOS/TTL compatible. This means it can drive standard digital logic circuits.
* **Package Type:** 14-pin DIP (Dual In-line Package) or 4-pin "Half-size" DIP. These are through-hole components used on PCBs.
* **Operating Voltage:** Usually **5.0V DC** (±10%).
* **Frequency Range:** Can range from **1.0 MHz to 150.0 MHz**.
* **Duty Cycle:** Standard 40/60% or 45/55%.
---
### 3. Pinout Configuration
For the standard 4-pin half-size or 14-pin full-size metal package, the pin functions are usually defined as follows:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | N/C or Tri-state | No connection or Output Enable/Disable control. |
| **7** | GND | Circuit Ground. |
| **8** | Output | The generated clock signal (Square wave). |
| **14** | Vcc | Positive Power Supply (+5V). |
---
### 4. Typical Applications
These oscillators are used in environments requiring high reliability and stable timing:
1. **Industrial Controllers:** For synchronizing CPU operations.
2. **Communications:** Used in networking hardware for data packet timing.
3. **Legacy Computing:** Common in older motherboard designs or specialized embedded systems.
4. **Test Equipment:** Providing reference frequencies for signal generators.
---
- ⤷
What is the exact frequency of your specific MHO+12TBD-R component?
- ⤷ Do you need help finding a modern SMT equivalent for this through-hole part?
- ⤷ Are you experiencing signal integrity issues or jitter with this oscillator?