MHO+12TCD-R
AI

The **MHO+12TCD-R** is a specific model of a **Quartz Crystal Oscillator**, typically used as a high-precision clock source in telecommunications, networking, and industrial computing equipment. It is manufactured by companies like MtronPTI.
---
### 1. Technical Specifications
The part number "MHO+12TCD-R" contains encoded data regarding its performance characteristics.
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Frequency** | 12.000 MHz (typically) | The primary output clock frequency. |
| **Package Type** | 14-pin DIP (Full Size) | A through-hole metal canister. |
| **Output Type** | HCMOS / TTL | Compatible with high-speed CMOS and TTL logic levels. |
| **Supply Voltage** | 5.0V DC | Standard operating voltage for legacy and industrial systems. |
| **Stability** | ±100 ppm (Standard) | Frequency deviation over temperature. |
| **RoHS Status** | Lead-Free (R) | The "R" suffix indicates RoHS compliance. |
---
### 2. Physical Construction
The device is housed in a **hermetically sealed metal package**. This construction is critical for:
* **EMI Shielding:** The metal case is usually grounded to reduce electromagnetic interference.
* **Environmental Protection:** Protects the internal quartz crystal from moisture and atmospheric pressure changes.
* **Durability:** The "MHO" series is known for being rugged and suitable for long-lifecycle industrial products.
---
### 3. Pin Configuration (Internal Mapping)
Though it occupies a 14-pin footprint, most oscillators of this type only use four functional pins:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | N/C or Tri-State | Often used for output enable/disable functions. |
| **7** | GND | Ground connection (Case ground). |
| **8** | Output | The generated square wave clock signal. |
| **14** | Vcc | +5.0V Power supply. |
---
### 4. Common Applications
* **Legacy Computing:** Providing the master clock for 8-bit or 16-bit microprocessors.
* **Telecommunications:** Synchronizing data transmission in line cards.
* **Test Equipment:** Used in oscilloscopes and signal generators where a stable frequency reference is required.
---
- ⤷
What are the equivalent SMD alternatives for this through-hole oscillator?
- ⤷ How does temperature affect the frequency stability of the MHO series?
- ⤷ What is the difference between the MHO+ and the standard MHO series?