MHO+12TGD-R
AI

The **MHO+12TGD-R** is a specific part number typically associated with **Temperature Compensated Crystal Oscillators (TCXO)** or standard clock oscillators produced by manufacturers like **Mercury Electronic**.
Below is a detailed breakdown of its electronic specifications and characteristics.
---
### 1. General Specifications
The part belongs to the **MHO+ series**, which is known for its high stability and reliable performance in communication and industrial electronics.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Part Type** | Crystal Oscillator (TCXO / VC-TCXO) |
| **Package Type** | DIP-14 (Full size) or DIP-8 (Half size) |
| **Output Type** | CMOS / TTL Compatible |
| **Supply Voltage** | +3.3V or +5.0V DC (Varies by suffix) |
| **Stability** | ±1.0 ppm to ±2.5 ppm |
| **Frequency Range** | 1.0 MHz to 160.0 MHz (Specific to model) |
---
### 2. Part Number Breakdown (Nomenclature)
The alphanumeric code provides specific details about the component's hardware configuration:
* **MHO+**: Series identifier (Metal Can, High-Stability Oscillator).
* **12**: Represents the Supply Voltage (usually indicates 3.3V or a specific voltage tolerance).
* **T**: Indicates **TCXO** (Temperature Compensated) functionality.
* **G**: Defines the temperature range (e.g., Industrial: -40°C to +85°C).
* **D**: Output symmetry/Duty cycle (usually 45/55%).
* **R**: Compliance code (typically stands for **RoHS Compliant**).
---
### 3. Pin Configuration (DIP-14 Style)
Standard 4-pin configuration within a 14-pin metal footprint:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | Vcon / NC | Voltage Control (for VC-TCXO) or No Connect |
| **7** | GND | Case Ground |
| **8** | Output | RF / Clock Frequency Output |
| **14** | Vdd | Positive Power Supply |
---
### 4. Key Applications
Because of the "T" (Temperature Compensation) designation, this part is used where frequency drift must be minimized across varying environmental conditions:
1. **Telecommunications**: Base stations and networking hardware.
2. **GPS Receivers**: Precision timing for satellite signal acquisition.
3. **Test Equipment**: Reference clocks for frequency counters and synthesizers.
4. **Wi-Fi/Bluetooth**: Maintaining stable carrier frequencies.
---
### 5. Mechanical Dimensions
* **Housing**: Hermetically sealed metal can to reduce Electromagnetic Interference (EMI).
* **Mounting**: Through-hole (THT) mounting, providing physical durability for industrial environments.
- ⤷
What is the exact frequency of your specific MHO+12TGD-R unit?
- ⤷ How does a TCXO differ from a standard XO in terms of circuit design?
- ⤷ Are there surface-mount (SMD) equivalents for this through-hole part?