MHO+13FAAG-R
AI

The **MHO+13FAAG-R** is a specific series of **Quartz Crystal Oscillators** manufactured by MtronPTI. These components are used to provide a precise clock signal for digital circuits.
---
## 1. Technical Specifications
Below are the primary electrical and physical characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) |
| **Package Style** | 14-pin DIP (Full Size) - Through Hole |
| **Output Type** | HCMOS / TTL Compatible |
| **Operating Voltage** | Typically 5.0V (Standard for MHO series) |
| **Frequency Range** | 1.000 MHz to 150.000 MHz (Specific to exact sub-model) |
| **Operating Temperature** | Commercial or Industrial grades available |
| **RoHS Status** | Compliant (Indicated by the '-R' suffix) |
---
## 2. Part Number Breakdown
Understanding the nomenclature helps identify the exact features of the component:
* **MHO**: The series prefix designating a 5.0V Full-Size (14-pin DIP) HCMOS/TTL oscillator.
* **+**: Often indicates a lead-free/RoHS compliant process.
* **13**: Represents the **Frequency Stability**. In the MtronPTI system, "1" usually denotes $\pm 100$ ppm, and "3" denotes the temperature range (0°C to +70°C).
* **F**: Denotes the **Duty Cycle** (typically 40/60% or 45/55%).
* **AA**: Internal codes for specific frequency output or package height.
* **G**: Denotes the **Tri-state/Enable-Disable** function (Pin 1 is used to enable/disable the output).
* **-R**: Explicitly confirms **RoHS Compliance**.
---
## 3. Key Electronic Functions
### A. Clock Generation
The device combines a quartz crystal blank with an oscillation circuit and an output buffer. When power is applied, it vibrates at a fixed frequency to provide a "heartbeat" for microprocessors or FPGAs.
### B. Tri-State Function (Pin 1)
The "G" designation means this part supports an enable/disable function:
* **High (or Floating):** The oscillator outputs the clock signal on Pin 8.
* **Low:** The output goes into a high-impedance state, reducing power consumption and allowing other devices to use the line.
### C. Mechanical Layout (14-Pin DIP)
While it is called a 14-pin DIP, most oscillators only have 4 functional pins:
1. **Pin 1:** Enable/Disable (Tri-state)
2. **Pin 7:** Ground (Case Ground)
3. **Pin 8:** Output Signal
4. **Pin 14:** $V_{cc}$ (+5.0V)
---
## 4. Common Applications
* **Legacy Computing:** Motherboards and peripheral cards requiring 5V logic.
* **Industrial Control:** Timing for PLCs and embedded controllers.
* **Networking:** Synchronizing data transmission in older telecommunications equipment.
* **Test Equipment:** Providing a stable reference frequency for signal generators.
- ⤷
What is the exact frequency of your specific MHO+13FAAG-R unit?
- ⤷ How does the 'Tri-state' function improve power efficiency in a circuit?
- ⤷ Are there surface-mount (SMD) alternatives to this 14-pin DIP package?