MHO+13FAG-R
AI

The **MHO+13FAG-R** is a high-precision, industrial-grade Crystal Oscillator (XO). It is manufactured by MtronPTI and is part of the MHO series, specifically designed for high-reliability timing applications.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Quartz Crystal Oscillator (Fixed) |
| **Package / Case** | 14-pin DIP (Full Size) |
| **Output Type** | HCMOS / TTL Compatible |
| **Operating Voltage** | 5.0 VDC (Standard) |
| **Frequency Stability** | ±100 ppm (Standard for this series) |
| **Operating Temperature** | 0°C to +70°C (Commercial Grade) |
| **Termination** | Through-hole pins |
| **RoHS Status** | Compliant (Indicated by the "R" suffix) |
---
### 2. Functional Description
The MHO+13FAG-R serves as the "heartbeat" for digital systems. It combines a quartz crystal blank with an integrated circuit (oscillator circuit) inside a hermetically sealed metal package.
* **Integrated Design:** Unlike a simple 2-pin crystal, this is a complete 4-pin active device. You provide power (Vcc) and Ground (GND), and it outputs a stable square wave.
* **Metal Shielding:** The full-size DIP 14 metal canister provides excellent EMI (Electromagnetic Interference) shielding, protecting the signal from external noise.
* **Logic Compatibility:** The output is designed to drive standard digital logic gates (TTL or CMOS) without needing additional buffering.
---
### 3. Pinout Configuration (Standard 14-Pin DIP Layout)
Even though the package has 14 pin locations, typically only 4 pins are physically present or used:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | N/C or Tri-State | Usually no connection or Output Enable/Disable |
| **Pin 7** | GND | Circuit Ground |
| **Pin 8** | Output | The generated frequency signal |
| **Pin 14** | Vcc | +5.0V Power Supply |
---
### 4. Common Applications
Due to its robust mechanical construction and standard 5V logic, it is commonly found in:
* **Legacy Computing:** Motherboards and peripheral controllers.
* **Industrial Automation:** PLCs (Programmable Logic Controllers) and industrial timers.
* **Testing Equipment:** Oscilloscopes and signal generators.
* **Communication Infrastructure:** Synchronizing data transmission in older networking gear.
---
- ⤷What is the specific output frequency of the MHO+13FAG-R?
- ⤷ Can this oscillator be used in a 3.3V circuit?
- ⤷ What is the difference between the 'Full Size' and 'Half Size' versions of this series?