MHO+13FGD-R
AI

The **MHO+13FGD-R** is a high-performance, differential output crystal oscillator manufactured by **Mercury Electronic**. It is specifically designed for high-frequency applications that require low jitter and high stability.
---
## 1. Technical Specifications
The part number follows a specific nomenclature used by Mercury. Below are the primary technical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Output Type** | LVPECL (Low-Voltage Positive Emitter-Coupled Logic) |
| **Package Size** | 7.0 x 5.0 mm (SMD 6-pad) |
| **Supply Voltage** | +3.3V DC (Standard for the '3' designation) |
| **Frequency Stability** | ±50 ppm or ±25 ppm (depending on specific sub-grade) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
| **Output Frequency** | Custom (determined by the suffix, typically 10MHz to 800MHz) |
---
## 2. Key Components & Architecture
The device consists of three main internal stages:
1. **Crystal Blank:** A high-precision quartz crystal cut to specific angles (AT-cut) to ensure thermal stability.
2. **Oscillator IC:** An application-specific integrated circuit (ASIC) that drives the crystal and performs frequency multiplication if necessary.
3. **Differential Driver:** A specialized output stage that produces two signals ($OUT$ and $\overline{OUT}$) that are 180 degrees out of phase. This cancels out common-mode noise.
---
## 3. Pin Configuration (6-Pad SMD)
The layout is standardized for high-speed differential oscillators:
| Pin # | Function | Description |
| :--- | :--- | :--- |
| **1** | OE or NC | Output Enable (High = Active, Low = High Impedance) |
| **2** | NC | No Connection |
| **3** | GND | Ground / Case Connection |
| **4** | Output | Positive Differential Output |
| **5** | Comp Output | Complementary (Negative) Differential Output |
| **6** | VDD | Power Supply (+3.3V) |
---
## 4. Typical Applications
Due to the **LVPECL** output, this part is used where signal integrity over distance and high-speed data processing are critical:
* **Networking:** Fiber Channel, Gigabit Ethernet (10G/40G/100G).
* **Telecommunications:** SONET/SDH infrastructures.
* **Computing:** High-speed servers and PCI Express clocking.
* **Storage:** SAS/SATA interface timing.
---
## 5. Part Number Decoding
The "MHO" series breakdown is as follows:
* **MHO:** Mercury High Output (PECL/LVPECL Series).
* **13:** Refers to the supply voltage and package style (3.3V, 7x5mm).
* **F:** Frequency stability code (often ±25ppm or ±50ppm).
* **G:** Operating temperature range (G = Industrial -40 to +85°C).
* **D:** Duty Cycle (D = 45/55%).
* **R:** RoHS Compliant.
- ⤷
What is the exact frequency of your specific MHO+13FGD-R unit?
- ⤷ Do you need the termination circuit diagram for the LVPECL output?
- ⤷ Are you looking for a drop-in equivalent from another manufacturer like Epson or SiTime?