MHO+13TCG-R
AI

The **MHO+13TCG-R** is a specific series of **Crystal Oscillators** typically manufactured by companies like Jauch Quartz or similar electronic component specialists. This component is a high-precision frequency generator used in timing circuits.
---
## 1. Technical Specifications
The MHO+ series belongs to the **HC-49/U or DIL-14 package family**, often utilized for their stability and legacy compatibility.
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (SPXO) |
| **Package Style** | DIL-14 (Full size) or DIL-8 (Half size) Metal Can |
| **Output Type** | HCMOS / TTL Compatible |
| **Supply Voltage ($V_{dd}$)** | Usually +5.0V DC (Standard for MHO series) |
| **Frequency Stability** | ±25ppm to ±100ppm (Depending on specific grade) |
| **Operating Temperature** | -10°C to +70°C (Standard commercial) |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
## 2. Part Number Breakdown
While manufacturer codes vary slightly, the nomenclature usually follows this logic:
* **MHO+**: The series prefix, indicating a metal-can, hermetically sealed through-hole oscillator.
* **13**: Often refers to the supply voltage or specific stability grade (1 = 5V, 3 = Stability code).
* **T**: Tri-state function (Pin 1 can be used to enable/disable the output).
* **C**: CMOS/TTL output compatibility.
* **G**: Operating temperature range code.
* **R**: RoHS (Lead-free) compliant.
---
## 3. Pin Configuration (DIL-14 Full Size)
The device usually operates with 4 active pins despite the large casing:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | E/D or NC | Enable/Disable (Tri-state) or No Connection |
| **7** | GND | Ground / Case Connection |
| **8** | Output | The generated clock signal (Square Wave) |
| **14** | $V_{cc}$ | Power Supply (+5V) |
---
## 4. Key Electronic Characteristics
* **Hermetic Sealing:** The metal "can" is resistance-welded to protect the quartz crystal from humidity and atmospheric contaminants, ensuring long-term frequency aging stability.
* **Integrated IC:** Unlike a simple 2-pin crystal, the MHO+ includes the oscillating circuit and a buffer amplifier inside the package. It only requires a DC power source to function.
* **Load Capacitance:** Generally designed to drive a 15pF to 50pF load.
---
- ⤷
What is the specific frequency printed on your MHO+13TCG-R unit?
- ⤷Can this oscillator be used in a 3.3V circuit safely?
- ⤷How does the Tri-state (Pin 1) function affect power consumption?