MHO+14TBD-R
AI

The **MHO+14TBD-R** is a specific type of **Crystal Oscillator** manufactured by MtronPTI. It is part of the MHO series, which are high-reliability, through-hole clock oscillators commonly used in industrial and legacy computing systems.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) |
| **Package Style** | 14-pin DIP (Full Size) |
| **Output Type** | HCMOS / TTL Compatible |
| **Voltage Supply** | Typically 5.0V DC |
| **Frequency Stability** | ±100 ppm (Standard for this series) |
| **Operating Temperature** | 0°C to +70°C (Commercial Grade) |
| **RoHS Status** | Compliant (Indicated by the "R" suffix) |
---
## 2. Pin Configuration
Although it is a "14-pin" package, most of the pins are removed for internal circuitry, leaving 4 active pins:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | N/C or Tri-state | No connection or Output Enable/Disable |
| **7** | GND | Circuit and Case Ground |
| **8** | Output | The generated clock signal (Square Wave) |
| **14** | Vcc | +5.0V Power Supply |
---
## 3. Key Features
* **Through-Hole Design:** The 14-pin DIP footprint allows for easy soldering onto printed circuit boards (PCBs) or insertion into sockets for prototyping.
* **Hermetically Sealed:** The metal "can" is resistance-welded to protect the quartz crystal from atmospheric moisture and contaminants, ensuring long-term frequency stability.
* **Legacy Compatibility:** These are often used as drop-in replacements for older 5V timing circuits where modern surface-mount (SMD) components are not applicable.
---
## 4. Application Areas
The MHO series is generally found in:
1. **Microprocessor Clocks:** Providing the master heartbeat for CPUs.
2. **Data Communications:** Timing for serial ports and network interfaces.
3. **Industrial Controls:** Used in PLC (Programmable Logic Controller) boards.
4. **Test Equipment:** General-purpose frequency generation in lab gear.
---
- ⤷
What is the specific frequency of the MHO+14TBD-R?
- ⤷ Can this oscillator be used in a 3.3V system?
- ⤷ What are the alternatives to a 14-pin DIP package for modern designs?