AI

The **MHO+14TFG-R** is a specific series of **Crystal Oscillators** typically manufactured by companies like MtronPTI. These components are critical for providing a stable clock signal in electronic circuits.
---
## 1. Technical Specifications
The part number contains encoded information regarding its physical and electrical characteristics. Below is a breakdown of the typical specifications for this series:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Clock Oscillator (XO) |
| **Package Type** | 14-pin DIP (Dual In-line Package) |
| **Output Type** | HCMOS / TTL Compatible |
| **Supply Voltage** | Typically 5.0V (Standard for MHO series) |
| **Frequency Range** | Usually 1.0 MHz to 150 MHz (varies by specific sub-model) |
| **Operating Temperature** | Commercial (0°C to +70°C) or Industrial (-40°C to +85°C) |
| **RoHS Status** | Compliant (Indicated by the "R" suffix) |
---
## 2. Part Number Deciphering
While manufacturers have slight variations, the code generally breaks down as follows:
* **MHO**: Represents the product series (Metal package, High-speed, Oscillator).
* **+**: Often indicates a specific revision or lead-free process.
* **14**: Refers to the **14-pin DIP footprint**. Note: Usually, only 4 pins are actually present (Pins 1, 7, 8, and 14), but it fits a standard 14-pin socket.
* **TFG**: This is a sub-code for specific stability requirements (e.g., ±100ppm, ±50ppm) and symmetry.
* **R**: Indicates **RoHS compliance** (Lead-free).
---
## 3. Pin Configuration
For a standard 14-pin DIP crystal oscillator, the pinout is as follows:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC / Tri-state | No connection or Output Enable/Disable |
| **7** | GND | Circuit Ground |
| **8** | Output | The generated clock signal (Square Wave) |
| **14** | Vcc | Positive Supply Voltage (+5V) |
---
## 4. Common Applications
Because of its "Through-Hole" design and 5V compatibility, this part is commonly found in:
1. **Legacy Computing:** Motherboards and expansion cards.
2. **Industrial Controllers:** PLC units and timing circuits.
3. **Communication Gear:** Modems and networking hardware.
4. **Prototyping:** Used with breadboards or sockets during the R&D phase.
---
- ⤷
What is the exact frequency of your specific MHO+14TFG-R unit?
- ⤷ How does an HCMOS output differ from a TTL output in this oscillator?
- ⤷ Are there surface-mount (SMD) equivalents for this through-hole part?