MHO+14TGD-R
AI

The **MHO+14TGD-R** is a specific series of **Crystal Oscillators** (Frequency Control components) manufactured by **MtronPTI**. These are high-reliability components typically used in industrial and telecommunications applications.
---
### 1. Technical Specifications Table
Based on the part numbering nomenclature for the MHO series, here are the primary technical characteristics:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) | Fixed frequency clock source. |
| **Package / Case** | 14-pin DIP (Full Size) | Through-hole metal canister. |
| **Output Type** | HCMOS / TTL | Compatible with high-speed CMOS and standard TTL logic. |
| **Supply Voltage** | 5.0 VDC | Standard operating voltage for the MHO+ series. |
| **Frequency Range** | 1.0 MHz to 150.0 MHz | Specific frequency is usually laser-marked on the top. |
| **Operating Temp** | -40°C to +85°C | Industrial temperature range (denoted by "G"). |
| **Stability** | ±100 ppm | Standard frequency stability (typical for "D" code). |
| **RoHS Status** | Compliant | Denoted by the "R" suffix. |
---
### 2. Breakdown of the Part Number
The alphanumeric code provides specific details about the component's construction:
* **MHO+**: Refers to the product series (5.0V Full-size DIL Crystal Oscillator).
* **14**: Indicates the package style (14-pin DIP footprint, though usually only 4 pins are present: Case Ground, Output, Supply, and NC/Enable).
* **T**: Specifies the Output Load/Logic (HCMOS/TTL).
* **G**: Specifies the Operating Temperature Range (-40°C to +85°C).
* **D**: Specifies the Frequency Stability (Commonly ±100ppm, though this can vary by manufacturer datasheet revision).
* **R**: Indicates **RoHS Compliance** (Lead-free).
---
### 3. Pin Configuration (Typical 14-pin DIP)
While the package has the physical dimensions of a 14-pin integrated circuit, it typically only utilizes four active pins:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC or Tri-state | No connection or Output Enable/Disable. |
| **7** | GND | Circuit and Case Ground. |
| **8** | Output | The generated clock signal. |
| **14** | +Vcc | +5.0V Power Supply. |
---
### 4. Common Applications
* **Networking Hardware:** Routers, switches, and hubs requiring a stable clock.
* **Industrial Controllers:** PLC (Programmable Logic Controllers) and automation equipment.
* **Legacy Computing:** Replacement parts for older motherboards or timing circuits requiring 5V logic.
* **Test & Measurement:** Oscilloscopes and signal generators.
---
- ⤷
What is the exact frequency marked on your specific MHO+14TGD-R unit?
- ⤷ Do you need a modern surface-mount (SMD) equivalent for this through-hole part?
- ⤷ Are you troubleshooting a circuit where this oscillator is failing to start?