MHO+15FAAG-R
AI

The **MHO+15FAAG-R** is a specific part number typically associated with a **Crystal Oscillator**. Based on the part numbering nomenclature commonly used by manufacturers like *MtronPTI*, this component is a high-precision timing device used in electronic circuits.
### 1. General Specifications
The part number can be broken down into specific technical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) |
| **Package / Case** | 14-pin DIP (DIL) - Often 4 pins connected |
| **Frequency Stability** | Usually ±100ppm or ±50ppm (varies by sub-grade) |
| **Output Type** | HCMOS / TTL Compatible |
| **Voltage Supply** | Typically 5.0V |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### 2. Key Internal Components
An electronic part like the MHO+15FAAG-R consists of several internal sections integrated into a single metal can package:
1. **Quartz Crystal Resonator:** The heart of the part, providing the fundamental mechanical vibration.
2. **Oscillator IC:** An integrated circuit that amplifies the signals from the crystal and maintains the oscillation.
3. **Output Buffer:** Ensures the signal is strong enough to drive multiple gates in a digital circuit without distorting the waveform.
4. **Bypass Capacitor:** Often included internally to filter noise from the DC power supply.
---
### 3. Pin Configuration (Typical 14-pin DIP Layout)
Although it has a 14-pin footprint, usually only 4 pins are active:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC or Tri-state | No connection or Output Enable/Disable |
| **7** | GND | Ground connection |
| **8** | Output | The generated clock signal |
| **14** | Vcc | Positive Power Supply (+5V) |
---
### 4. Common Applications
This specific part is used in legacy and industrial systems that require a stable clock source:
* **Microprocessor Clocks:** Providing the heartbeat for CPUs.
* **Data Communications:** Synchronizing data transmission in modems or routers.
* **Embedded Systems:** Industrial controllers and automation hardware.
* **Test & Measurement:** Oscilloscopes and signal generators.
---
### 5. Technical Considerations
* **Through-Hole Mounting:** This is a "Plug-in" style component, making it easy to replace but less suitable for ultra-compact modern mobile devices.
* **Metal Shielding:** The metal "can" package acts as a Faraday cage, protecting the signal from Electromagnetic Interference (EMI).
- ⤷What is the exact frequency rating for the MHO+15FAAG-R?
- ⤷ Are there surface-mount (SMD) equivalents for this oscillator?
- ⤷ How does the 'Tri-state' function work on Pin 1?