MHO+15TAAD-R
AI

The **MHO+15TAAD-R** is a high-performance **Crystal Oscillator** manufactured by MtronPTI. This specific component belongs to the MHO series, which are known for their high reliability and are often used in military, aerospace, and critical industrial applications.
---
## 1. Technical Specifications
Below is a breakdown of the core technical parameters for this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) |
| **Package / Case** | 14-pin DIP (Thru-Hole) |
| **Output Type** | CMOS / TTL Compatible |
| **Supply Voltage ($V_{cc}$)** | 5.0 VDC |
| **Frequency Stability** | ±100 ppm (standard for this series) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (indicated by the -R suffix) |
---
## 2. Part Number Breakdown (Nomenclature)
Understanding the alphanumeric code helps identify the specific features of the component:
* **MHO**: Series identifier (14-pin DIP, 5.0V Crystal Oscillator).
* **+**: Indicates a specific variation in lead tension or plating (often related to environmental ruggedness).
* **15**: Internal code for specific frequency stability or load capacitance settings.
* **T**: Specifies the operating temperature range (T usually denotes -40°C to +85°C).
* **AA**: Internal factory codes for output symmetry and pull-range (if applicable).
* **D**: Tri-state enable/disable function (allows the output to be disconnected electronically).
* **-R**: RoHS Compliant (Lead-free).
---
## 3. Key Features and Applications
The MHO+ series is designed for environments where standard surface-mount components might not be ideal due to mechanical stress or legacy board designs.
### Features
* **Tri-state Output:** Pin 1 can be used to enable or disable the oscillation output, which is useful for testing or power saving.
* **Hermetically Sealed:** The metal "DIP" package is vacuum-sealed to protect the quartz crystal from humidity and contaminants.
* **High Drive Capability:** Capable of driving multiple CMOS or TTL loads simultaneously.
### Common Applications
* **Military Communications:** Ruggedized radio and data links.
* **Industrial Controllers:** PLC systems and heavy machinery timing.
* **Legacy Computing:** Replacement parts for older server motherboards or embedded systems using 14-pin DIP sockets.
* **Aerospace:** Low-orbit satellite telemetry or ground control stations.
---
## 4. Typical Pin Configuration (14-Pin DIP)
Even though the package has 14 pins, usually only 4 are electrically connected:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | E/D or NC | Tri-state Control (High = Enable, Low = High Impedance) |
| **7** | GND | Ground / Case Connection |
| **8** | Output | Frequency Output Signal |
| **14** | Vcc | +5.0V Power Supply |
- ⤷
What is the exact output frequency of the MHO+15TAAD-R model?
- ⤷ How does the Tri-state function (Pin 1) affect circuit power consumption?
- ⤷ What are the recommended soldering profiles for this 14-pin DIP package?