MHO+15TAD-R
AI

The **MHO+15TAD-R** is a high-precision electronic component belonging to the **Crystal Oscillator** category. Specifically, it is a TCXO (Temperature Compensated Crystal Oscillator) or a high-stability clock oscillator often used in telecommunications and industrial timing applications.
---
### 1. General Specifications
The part number follows a specific nomenclature used by manufacturers (typically **MtronPTI**). Here is a breakdown of its technical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (SPXO/TCXO series) |
| **Package Style** | 14-pin DIP (Dual In-line Package) - Full size |
| **Input Voltage (Vcc)** | Typically +5.0V DC |
| **Output Type** | CMOS / TTL Compatible |
| **Frequency Stability** | Generally ±25ppm to ±100ppm (depending on grade) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (indicated by the -R suffix) |
---
### 2. Pin Configuration
Since this is a standard 14-pin DIP package oscillator, it usually utilizes only four of the 14 pins, while the others are removed or not connected (NC).
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC / Tri-state | No connection or Output Enable/Disable |
| **7** | GND | Circuit and Case Ground |
| **8** | Output | The generated frequency signal |
| **14** | Vcc | +5.0V Power Supply |
---
### 3. Key Features
* **Through-Hole Design:** The "MHO" prefix typically refers to the metal "Half-Size" or "Full-Size" DIP package, which provides excellent EMI shielding.
* **Stability:** Designed to maintain a consistent frequency even when the ambient temperature fluctuates.
* **Reliability:** The hermetically sealed metal case protects the internal quartz crystal from humidity and atmospheric contaminants.
* **Legacy Support:** Frequently used in older industrial equipment, networking hardware, and test instruments that require a robust 5V clock source.
---
### 4. Part Number Decoding
The suffixing usually follows this logic:
* **MHO:** Series identifier (Metal Hermetic Oscillator).
* **15:** Often refers to the stability or voltage variant (e.g., 5V).
* **TAD:** Specific internal calibration or temperature range code.
* **-R:** RoHS (Restriction of Hazardous Substances) compliant/Lead-free.
---
- ⤷
What is the specific output frequency for your version of the MHO+15TAD-R?
- ⤷ Do you need information on modern surface-mount (SMD) equivalents for this part?
- ⤷ Are you troubleshooting a specific circuit involving this oscillator?