MHO+15TAG-R
AI

The **MHO+15TAG-R** is a high-performance **Crystal Oscillator** (specifically a Clock Oscillator) manufactured by **MtronPTI**. It belongs to the MHO series, which is known for its reliability in industrial and communication applications.
---
### 1. Technical Specifications
The following table summarizes the key electrical and physical characteristics of the MHO+15TAG-R:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) |
| **Output Type** | HCMOS / TTL |
| **Frequency Range** | Typically 1.000 MHz to 125.000 MHz |
| **Supply Voltage (Vcc)** | 5.0 Volts (±10%) |
| **Package Style** | 14-pin DIP (Full Size), Through-hole |
| **Frequency Stability** | ±100 ppm (Standard for the "1" code) |
| **Operating Temperature** | 0°C to +70°C (Standard) |
| **Duty Cycle** | 40/60% or 45/55% |
---
### 2. Breakdown of the Part Number
The alphanumeric code follows MtronPTI’s specific nomenclature:
* **MHO:** Series designation (Metal Can, High Output/High Speed).
* **+:** Lead-free / RoHS compliant indicator.
* **1:** Frequency Stability code (typically represents ±100ppm).
* **5:** Symmetry/Duty Cycle code (standard 40/60%).
* **T:** Temperature Range (T usually indicates standard 0°C to +70°C).
* **A:** Output Load (Standard HCMOS/TTL).
* **G:** Tri-state Enable/Disable function on Pin 1.
* **-R:** Denotes RoHS compliance and specific packaging/revision requirements.
---
### 3. Key Features and Applications
#### Features
* **Tri-state Functionality:** Allows the output to be placed in a high-impedance state, which is useful for testing or power management.
* **Hermetically Sealed:** The metal "can" package protects the internal quartz crystal from environmental moisture and contaminants.
* **Low Jitter:** Designed for timing-critical digital circuits.
#### Applications
* **Microprocessor Clocks:** Providing the base heartbeat for CPUs and MCUs.
* **Networking Gear:** Used in routers, switches, and modems.
* **Industrial Control:** Reliable timing for PLCs and automated machinery.
* **Legacy Hardware:** The 14-pin DIP format is common in older equipment maintenance and robust industrial designs.
---
### 4. Pin Configuration (14-Pin DIP)
While it has a 14-pin footprint, only 4 pins are typically connected:
| Pin Number | Function |
| :--- | :--- |
| **Pin 1** | Tri-state (Enable/Disable) |
| **Pin 7** | Case Ground (GND) |
| **Pin 8** | Output (Signal) |
| **Pin 14** | Supply Voltage (+5V) |
- ⤷
What is the exact frequency of your specific MHO+15TAG-R unit?
- ⤷ How does a Tri-state pin function in an oscillator circuit?
- ⤷ Are there surface-mount (SMD) equivalents for this through-hole oscillator?