MHO+16FAG-R
AI

The **MHO+16FAG-R** is a specific series of high-precision, high-frequency **Crystal Oscillators** manufactured by **Mercury Electronic**. These components are essential for providing a stable clock signal in digital circuits.
---
### 1. Technical Specifications
The "MHO" series typically refers to Metal-Can (DIP-14 or DIP-8 style) oscillators known for their durability and EMI shielding.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Type** | Crystal Oscillator (XO) |
| **Package Style** | 14-pin DIP (Full size) or 8-pin DIP (Half size) |
| **Output Type** | CMOS / TTL Compatible |
| **Supply Voltage** | 5.0V (Standard for MHO series) |
| **Frequency Stability** | ±25ppm to ±100ppm |
| **Operating Temperature** | -10°C to +70°C (Standard) |
| **RoHS Status** | Compliant (Indicated by -R) |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps identify the exact characteristics of the component:
* **MHO**: Series designation (Mercury High Output/Metal Housing).
* **+**: Often indicates a specific voltage or lead-free process enhancement.
* **16**: Refers to the fundamental frequency (e.g., **16.000 MHz**).
* **FAG**: Internal factory codes for frequency stability, temperature range, and duty cycle (usually 50% ±10%).
* **-R**: Indicates **RoHS Compliant** (Lead-free).
---
### 3. Pin Configuration (DIP-14 Package)
Standard crystal oscillators in this form factor use a 4-pin connection layout within a 14-pin footprint:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC or Tri-state | No connection or Output Enable/Disable |
| **7** | GND | Circuit Ground |
| **8** | Output | Clock Signal Output |
| **14** | Vcc | Power Supply (+5V) |
---
### 4. Key Features & Applications
* **Metal Shielding:** The metal casing reduces electromagnetic interference (EMI), making it ideal for sensitive radio or measurement equipment.
* **Reliability:** Through-hole mounting (DIP) provides high mechanical stability compared to surface mount (SMD) in high-vibration environments.
* **Applications:**
* Microprocessor clocking.
* Embedded systems.
* Industrial control boards.
* Legacy computer hardware maintenance.
---
- ⤷
What is the difference between the 'FAG' and 'T' suffix in Mercury oscillators?
- ⤷ Can this 5V oscillator be used in a 3.3V logic circuit?
- ⤷ How do I test if this oscillator is functioning correctly using an oscilloscope?