MHO+16TAG-R
AI

The **MHO+16TAG-R** belongs to a specific category of electronic components known as **Crystal Oscillators**. These are used to provide a precise clock frequency for microprocessors, digital signal processors (DSPs), and other logic circuits.
Below is a breakdown of its technical specifications and characteristics.
---
### 1. Component Overview
The "MHO" series is typically manufactured by **MtronPTI**. This specific part is a Thru-Hole Crystal Clock Oscillator.
| Feature | Specification |
| :--- | :--- |
| **Part Number** | MHO+16TAG-R |
| **Component Type** | XO (Standard Crystal Oscillator) |
| **Package Type** | 14-pin DIP (Full Size) or 8-pin DIP (Half Size) Compatibility |
| **Mounting Style** | Through-Hole |
| **Output Type** | CMOS / TTL |
| **RoHS Status** | Compliant (Indicated by the "-R" suffix) |
---
### 2. Part Number Deciphering
The nomenclature of these oscillators usually follows a specific coding pattern:
* **MHO:** The series prefix (High-speed CMOS/TTL compatible).
* **+:** Often indicates a specific voltage or lead-free process enhancement.
* **16:** This usually refers to the **Frequency** (16.000 MHz).
* **T:** Temperature Stability/Range indicator.
* **A:** Accuracy/Tolerance rating (e.g., ±100ppm or ±50ppm).
* **G:** Duty Cycle / Symmetry specification (e.g., 40/60%).
* **-R:** RoHS Compliant (Lead-free).
---
### 3. Pin Configuration
For a standard 14-pin DIP package (though only 4 pins are physically present), the layout is typically:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC or Tri-state | No Connection or Output Enable/Disable |
| **7** | GND | Circuit Ground |
| **8** | Output | The generated 16 MHz Square Wave |
| **14** | Vcc | Power Supply (usually +5V or +3.3V) |
---
### 4. Key Technical Characteristics
1. **Frequency Stability:** These oscillators are far more stable than ceramic resonators, often maintaining accuracy within parts per million (PPM) over a wide temperature range.
2. **Logic Compatibility:** The "TAG" variants are designed to drive CMOS and TTL loads directly without additional buffering.
3. **Encapsulation:** It is housed in a hermetically sealed metal "can" to protect the quartz crystal from environmental interference and electromagnetic interference (EMI).
### 5. Common Applications
* **Microcontrollers:** Providing the "heartbeat" for CPUs.
* **Networking:** Timing for Ethernet controllers.
* **Industrial:** Timing for PLC (Programmable Logic Controllers).
* **Legacy Hardware:** Often found in older computer motherboards or arcade systems requiring a 16MHz clock.
- ⤷
What is the difference between this crystal oscillator and a standard 2-pin crystal?
- ⤷ What is the specific operating voltage for the MHO+ series?
- ⤷ How do I test if an MHO+16TAG-R is functioning correctly using an oscilloscope?