MHO+18FAAD-R
AI

The part number **MHO+18FAAD-R** refers to a high-frequency **Crystal Oscillator**. This component is specifically designed to provide a stable clock signal for digital circuits, telecommunications, and high-speed data processing.
Below is the detailed breakdown of its specifications and electronic characteristics.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Component Type** | XO (Standard Crystal Oscillator) |
| **Package Type** | 14-pin DIP (Dual In-line Package) / Full Size |
| **Supply Voltage (Vcc)** | 5.0V DC (Typical) |
| **Frequency Range** | Usually 1.000 MHz to 100.000 MHz |
| **Output Type** | TTL / CMOS Compatible |
| **Frequency Stability** | ±100 ppm (Standard) |
| **Operating Temperature** | 0°C to +70°C (Commercial Grade) |
| **RoHS Status** | R = RoHS Compliant |
---
### 2. Part Number Breakdown
The alphanumeric code follows a specific nomenclature used by manufacturers like **MtronPTI**:
* **MHO**: Series designation (Metal, High Output/Hybrid Oscillator).
* **+**: Indicates lead-free/environmentally friendly construction.
* **1**: Refers to the "Full Size" 14-pin DIP footprint (though only 4 pins are usually used).
* **8**: Frequency Stability code (typically ±100ppm).
* **F**: Duty Cycle code (usually 40/60% or 45/55%).
* **AA**: Internal manufacturer code for operating temperature and voltage.
* **D**: Tri-state Enable/Disable function (Pin 1).
* **-R**: RoHS Compliant.
---
### 3. Pin Configuration (Full Size DIP)
Although it has a 14-pin physical footprint, only four pins are active for functionality:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | E/D or NC | Enable/Disable (Tri-state) or No Connection |
| **Pin 7** | GND | Ground / Case Ground |
| **Pin 8** | Output | The generated clock signal (Square Wave) |
| **Pin 14** | Vcc | Supply Voltage (+5V) |
---
### 4. Circuit Application
This oscillator is typically used in the following ways:
1. **Clock Generation:** Provides the heartbeat for Microprocessors, Microcontrollers, and FPGAs.
2. **Signal Conversion:** Used in A/D converters to maintain sampling timing.
3. **Networking:** Essential in Ethernet cards and routers for synchronized data transmission.
---
- ⤷What is the difference between a 14-pin DIP and a half-size 8-pin DIP oscillator?
- ⤷ How does the Tri-state (Pin 1) function work in this component?
- ⤷ Can this oscillator be used in a 3.3V circuit safely?