MHO+18FBD-R
AI

The **MHO+18FBD-R** is a specific technical designation typically associated with high-frequency, surface-mount **Crystal Oscillators**. These components are critical for providing stable clock signals in digital circuits, telecommunications, and computing hardware.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Component Overview
The "MHO" series (often manufactured by companies like MtronPTI or similar frequency control specialists) refers to **Metal Half-size oscillators** or specific SMT (Surface Mount Technology) packages designed for durability and precision.
### 2. Technical Specifications
| Feature | Typical Specification |
| :--- | :--- |
| **Component Type** | Fixed Frequency Crystal Oscillator (XO) |
| **Frequency Range** | Usually custom-set (e.g., 1.0 MHz to 100+ MHz) |
| **Supply Voltage (Vcc)** | Typically 3.3V or 5.0V |
| **Output Type** | CMOS / TTL Compatible |
| **Package Style** | 14-pin DIP (Half-size) or SMD equivalent |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Frequency Stability** | ±25ppm to ±100ppm |
---
### 3. Part Number Decoder (Breakdown)
While naming conventions vary slightly by manufacturer, the suffix **+18FBD-R** generally indicates specific environmental and electrical tolerances:
* **MHO:** The Series identifier (High-speed CMOS, metal package).
* **18:** Often refers to the frequency or a specific voltage code (e.g., 1.8V or a multiplier).
* **F:** Frequency stability indicator (e.g., ±50ppm).
* **BD:** Temperature range code (often indicating Industrial range).
* **-R:** **RoHS Compliant**. This confirms the part is lead-free and meets environmental safety standards.
---
### 4. Pin Configuration (Internal Architecture)
Most oscillators in this category follow a standard 4-pin or 14-pin layout:
```markdown
1. Tri-state / Enable: High = Output active; Low = High Impedance
2. Ground: Connected to the system common ground
3. Output: The generated square wave (clock signal)
4. Vcc: Positive power supply input
```
---
### 5. Common Applications
* **Microprocessors:** Providing the "heartbeat" for CPUs and MCUs.
* **Networking:** Synchronizing data packets in Ethernet switches or routers.
* **Embedded Systems:** Used in industrial automation controllers where timing precision is required.
* **Consumer Electronics:** High-speed interfaces like USB or HDMI controllers.
---
- ⤷
What is the exact frequency of your specific MHO+18FBD-R unit?
- ⤷ How does frequency stability (ppm) affect high-speed digital circuits?
- ⤷ Can this oscillator be used in automotive-grade environments?