MHO+21FAAD-R
AI

The **MHO+21FAAD-R** is a high-performance **Crystal Oscillator (XO)** manufactured by MtronPTI. It is a surface-mount component designed to provide a precise and stable clock signal for electronic circuits.
---
## 1. Component Overview
The MHO series is known for its high-reliability "H" style package, which is frequently used in telecommunications, data processing, and industrial applications where timing precision is critical.
### Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Package Type** | 5.0 x 7.0 mm (6-Pad) SMD |
| **Output Type** | HCMOS / TTL |
| **Supply Voltage (Vcc)** | 3.3V (Standard for +21 code) |
| **Frequency Stability** | ±100 ppm (Typical for FA code) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (R suffix) |
---
## 2. Part Number Breakdown
To understand the specific capabilities of this part, we can decode the nomenclature:
* **MHO**: Series designation (MtronPTI High-Reliability Oscillator).
* **+**: Lead-free/RoHS compliant indicator.
* **21**: Voltage code (typically indicates **3.3V** operation).
* **F**: Frequency Stability code (commonly **±100ppm** over temperature).
* **AA**: Temperature Range code (standard industrial **-40°C to +85°C**).
* **D**: Output Duty Cycle (typically **40/60%** or **45/55%** symmetry).
* **-R**: Tape and Reel packaging.
---
## 3. Pin Configuration
The physical layout of the 5x7mm package usually follows the industry standard for 6-pad oscillators:
1. **Pad 1: Tri-state (Enable/Disable)** - Allows the output to be turned off to save power.
2. **Pad 2: No Connect (NC)**.
3. **Pad 3: Case Ground**.
4. **Pad 4: Output** - The clock signal (HCMOS).
5. **Pad 5: No Connect (NC)**.
6. **Pad 6: Supply Voltage (Vcc)**.
---
## 4. Typical Applications
Because of its stability and industrial temperature rating, this part is found in:
* **Networking Gear:** Switches, routers, and gateways.
* **Embedded Systems:** Microcontrollers requiring external clock sources.
* **Storage:** Fiber channel and SATA controllers.
* **Industrial Automation:** PLCs and sensor hubs.
- ⤷
What is the exact frequency of your specific MHO+21FAAD-R unit?
- ⤷ How do I implement the Tri-state function in a circuit design?
- ⤷ What are the equivalent alternatives from other manufacturers like Epson or TXC?