MHO+21FCD-R
AI

The **MHO+21FCD-R** is a specific part number typically associated with **MHO+ (Miniature High-Output)** series power relays or specialized switching components. These are commonly used in industrial automation, HVAC systems, and power management circuits.
Below is a breakdown of the electronic characteristics and technical specifications typical of this component series.
---
### 1. Technical Specifications
This component is designed for high-density mounting while maintaining the ability to switch significant current loads.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Electromechanical Power Relay |
| **Contact Configuration** | Usually 1 Form C (SPDT) or 1 Form A (SPST) |
| **Max Switching Voltage** | 250V AC / 30V DC |
| **Rated Load** | Typically 10A to 16A (depending on specific sub-variant) |
| **Coil Voltage** | Varies (21V DC or 24V DC variants are common) |
| **Mounting Type** | Through-hole (PCB Mount) |
| **Termination** | Solder terminals |
---
### 2. Key Internal Components
The "R" suffix in the part number often denotes **RoHS Compliance** or a specific **Resistant/Sealed** casing.
* **Coil Assembly:** The electromagnetic heart of the relay. When current flows through the coil, it creates a magnetic field that moves the armature.
* **Armature & Spring:** The mechanical mechanism that toggles the contact position.
* **Contacts:** Usually made of Silver Alloy (AgSnO2 or AgNi) to prevent welding and minimize electrical noise during high-load switching.
* **Encapsulation:** A plastic housing designed to withstand soldering heat and environmental contaminants (Flux-proof or Wash-tight).
---
### 3. Application Use Cases
Due to its compact size and high current rating, the MHO+21FCD-R is found in:
1. **Home Appliances:** Control boards for washing machines and refrigerators.
2. **Industrial Controls:** PLC output modules and timers.
3. **Power Supplies:** UPS systems for battery/mains switching.
4. **HVAC:** Fan motor control and compressor switching.
---
### 4. Circuit Diagram Representation
In a schematic, this part is represented by a coil symbol and a switch contact:
```text
[ Coil ] [ Contacts ]
(+) ----(S)---- (-) Common (COM)
| /
| NC <---
|
| NO <--- (Switches here when energized)
```
- ⤷
What is the exact coil voltage rating for the '21' designation in this model?
- ⤷ How does a 'Form C' contact configuration differ from 'Form A' in power relays?
- ⤷ Are there specific pinout diagrams available for the MHO+ series?