MHO+21FDD-R
AI

The **MHO+21FDD-R** is a high-performance, differential output crystal oscillator manufactured by **MtronPTI**. It is part of their MHO+ series, designed for high-frequency stability and low jitter applications.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its electronic characteristics:
| Feature | Specification |
| :--- | :--- |
| **Output Type** | LVDS (Low Voltage Differential Signaling) |
| **Frequency Range** | Typically 150 MHz to 1.4 GHz (Configurable) |
| **Supply Voltage** | 3.3V (standard for + series) |
| **Package Size** | 5.0 x 7.0 mm (6-pad SMD) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
| **Jitter Performance** | Ultra-low (sub-1ps RMS jitter) |
---
## 2. Key Electronic Components & Design
The internal architecture of this device consists of several critical stages:
### A. The Quartz Crystal Blank
The "heart" of the component is a high-precision AT-cut quartz crystal. It provides the fundamental frequency stability. In the MHO+ series, these are often "Inverted Mesa" crystals to allow for high fundamental frequencies without excessive thinning of the quartz.
### B. LVDS Driver Circuitry
Unlike standard CMOS oscillators, the **FDD** designation indicates an **LVDS output**.
* **Differential Pairing:** It outputs two signals (Out and Out-Complement).
* **Noise Immunity:** Because it is differential, it is highly resistant to Common Mode Noise.
* **Low Power:** It consumes less power at high frequencies compared to PECL.
### C. Internal Voltage Regulator
The device contains internal circuitry to regulate the 3.3V input. This ensures that fluctuations in the power supply do not translate into "phase noise" or frequency shifts.
---
## 3. Pinout Configuration
The MHO+21FDD-R typically utilizes a 6-pad layout:
| Pad # | Function | Description |
| :--- | :--- | :--- |
| 1 | E/D or NC | Enable/Disable (Tri-state function) |
| 2 | NC | No Connection |
| 3 | GND | Case Ground |
| 4 | Output | LVDS Positive Output |
| 5 | Output Complement | LVDS Negative Output |
| 6 | Vcc | +3.3V Supply Voltage |
---
## 4. Typical Applications
Due to its low jitter and differential signaling, this part is used in:
* **Fiber Channel & Gigabit Ethernet:** For timing high-speed data packets.
* **FPGA Clocking:** Providing a stable reference for Xilinx or Intel FPGAs.
* **SONET / SDH:** Telecommunications infrastructure.
- ⤷
What is the difference between LVDS and LVPECL in MtronPTI oscillators?
- ⤷ How does the 'Enable/Disable' function affect power consumption in this part?
- ⤷ What are the specific soldering profile requirements for the MHO+ series?