MHO+21TAAD-R
AI

The **MHO+21TAAD-R** is a high-performance **Crystal Oscillator (XO)** manufactured by MtronPTI. It is part of the MHO+ series, known for providing a stable clock signal for digital circuits.
---
### 1. Component Overview
This component is an active crystal oscillator, meaning it contains both the quartz crystal and the oscillation circuitry (transistors and capacitors) in a single package. It operates at a specific frequency to provide a timing reference.
### 2. Technical Specifications
The part number "MHO+21TAAD-R" follows a specific naming convention that defines its electrical characteristics:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Package Type** | 14-pin DIP (Full Size) | Metal thru-hole package for EMI shielding. |
| **Output Type** | HCMOS / TTL | Compatible with high-speed CMOS and TTL logic levels. |
| **Voltage Supply** | 5.0V DC | Standard operating voltage for the internal circuitry. |
| **Frequency Stability** | ±100 ppm (Typical) | The deviation allowed over the temperature range. |
| **Operating Temp** | 0°C to +70°C | Standard commercial operating range. |
| **Tri-state Function** | Included | Pin 1 allows the output to be disabled (High-impedance). |
| **RoHS Status** | Compliant (-R) | Indicates the part is lead-free. |
---
### 3. Pin Configuration
For a standard 14-pin DIP package like the MHO+ series, only four pins are typically functional:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC / Tri-state | No connection or Output Enable/Disable. |
| **7** | GND | Ground / Case connection. |
| **8** | Output | The generated clock signal (Square wave). |
| **14** | Vcc | +5.0V Power Supply. |
---
### 4. Key Applications
* **Microprocessors:** Providing the main clock cycles for CPUs.
* **Networking:** Timing for Ethernet and switching hardware.
* **Industrial Control:** Used in PLCs and automation equipment requiring 5V logic.
* **Legacy Systems:** Often used as a drop-in replacement for older DIP-style clock oscillators.
---
### 5. Circuit Design Considerations
When integrating the MHO+21TAAD-R into a PCB design, keep the following in mind:
```markdown
1. Bypass Capacitor: Place a 0.01µF to 0.1µF ceramic capacitor as close as
possible to Pin 14 (Vcc) and Pin 7 (GND) to filter noise.
2. Trace Length: Keep the output trace (Pin 8) short to minimize EMI
and signal degradation.
3. Termination: If the trace is long, a series termination resistor (22Ω-47Ω)
may be needed to prevent signal overshoot.
```
- ⤷
What is the specific frequency of the MHO+21TAAD-R unit you are using?
- ⤷ Does your application require the Tri-state function on Pin 1?
- ⤷ Are you looking for a surface-mount (SMD) equivalent to this through-hole part?