MHO+21TAD-R
AI

The **MHO+21TAD-R** is a high-precision, industrial-grade **Crystal Oscillator (XO)**. It is part of the MHO series, typically manufactured by companies like **MtronPTI**. This component is designed to provide a stable clock signal for digital circuits and communication systems.
---
### 1. General Specifications
The part number follows a specific nomenclature that defines its electronic characteristics:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Quartz Crystal Oscillator (Fixed Frequency) |
| **Package Style** | 14-pin DIP (Dual In-line Package) - 4 pins connected |
| **Output Type** | TTL / CMOS Compatible |
| **Voltage Supply** | Typically 5.0V DC |
| **Frequency Stability** | Usually ±100ppm or ±50ppm (depending on suffix) |
| **Operating Temperature** | Commercial (0°C to +70°C) or Industrial (-40°C to +85°C) |
---
### 2. Pin Configuration (Typical 14-pin DIP)
Though the casing is the size of a 14-pin IC, only four pins are functional:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC / Tri-state | No connection or Output Enable/Disable |
| **7** | GND | Ground / Case Ground |
| **8** | Output | The generated clock frequency signal |
| **14** | Vcc | Positive Power Supply (+5V) |
---
### 3. Key Electronic Characteristics
* **A-Series Designation:** The "A" in the part number often signifies a specific frequency stability or symmetry requirement (e.g., 40/60% duty cycle).
* **RoHS Compliance:** The **-R** suffix indicates that the part is **RoHS compliant**, meaning it is manufactured without hazardous materials like lead.
* **Drive Capability:** These oscillators are designed to drive multiple gates (typically up to 10 TTL loads), making them robust for older or heavy-duty logic boards.
---
### 4. Common Applications
Due to its form factor and reliability, the MHO+21TAD-R is found in:
1. **Legacy Computing:** Motherboards and peripheral controllers.
2. **Industrial Controls:** PLC units and timing modules.
3. **Communication Gear:** Modems and network switching equipment.
4. **Test Equipment:** Signal generators and frequency counters.
---
### 5. Circuit Implementation Example
When integrating this part into a circuit, a decoupling capacitor is mandatory to ensure signal purity:
```cpp
// Schematic Logic Connection
[VCC (+5V)] ----+---- [Pin 14 (Vcc)]
|
[0.1uF Capacitor]
|
[GND] ----------+---- [Pin 7 (GND)]
[Pin 8 (Output)] ----> [Clock Input of MCU/IC]
```
---
- ⤷What is the specific frequency of the MHO+21TAD-R in MHz?
- ⤷ What are the modern SMT equivalents for this 14-pin DIP oscillator?
- ⤷ How does the Tri-state function on Pin 1 affect the output signal?