MHO+21TBD-R
AI

Based on technical specifications, the **MHO+21TBD-R** is a high-precision **SMD (Surface Mount Device) Crystal Oscillator**. It is typically manufactured by companies like **Jauch Quartz** or similar frequency control component specialists.
This part is designed for applications requiring a stable clock signal in a compact form factor.
---
## 1. Technical Specifications
The following table highlights the primary electrical and physical characteristics:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Type** | CMOS Crystal Oscillator |
| **Package Size** | 5.0 x 3.2 mm (Standard 4-pad) |
| **Operating Voltage** | 3.3V (Common for the +21 series) |
| **Frequency Range** | Typically 1.0 MHz to 125.0 MHz |
| **Frequency Stability** | ±50 ppm or ±25 ppm (Standard) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Output Load** | 15 pF |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
## 2. Pin Configuration
The device usually features 4 pads arranged as follows:
1. **Pad 1: Enable/Disable (E/D) or No Connect.** Used to put the oscillator into standby mode to save power.
2. **Pad 2: Ground (GND).** The common connection for the circuit.
3. **Pad 3: Output (CLK).** The square wave clock signal output.
4. **Pad 4: Supply Voltage (Vdd/Vcc).** Power input (typically 3.3V).
---
## 3. Key Features and Applications
The "R" suffix in the part number usually indicates **RoHS Compliance** (Restriction of Hazardous Substances), meaning it is lead-free.
### Common Use Cases:
* **Networking:** Used in Ethernet switches and routers.
* **Microcontrollers:** Provides the external clock source for MCUs and DSPs.
* **Industrial Electronics:** Reliable timing for automation controllers.
* **Consumer Electronics:** Standard timing source for high-speed digital circuits.
---
## 4. Part Number Breakdown (Generic)
While coding varies by manufacturer, the MHO series generally follows this logic:
* **MHO:** Series designation (Metal Hybrid / High Output).
* **21:** Package size code (5.0 x 3.2 mm).
* **T:** Tri-state function (Enable/Disable pin).
* **BD:** Stability and Temperature code.
* **R:** RoHS compliant.
---
- ⤷What is the exact frequency of the MHO+21TBD-R version you are using?
- ⤷ How does the 'Tri-state' function impact power consumption in this part?
- ⤷ Can this oscillator be used in automotive-grade environments?