MHO+22FFG-R
AI

The **MHO+22FFG-R** is a specific variant within a series of high-precision electronic components, typically categorized as a **Precision Potentiometer** (specifically a multi-turn wirewound type) or a specialized rotary sensor.
---
### 1. Component Overview
These parts are designed for applications requiring high reliability, excellent linearity, and fine adjustment capabilities. The "R" suffix often indicates **RoHS compliance** (Restriction of Hazardous Substances).
| Feature | Specification Details |
| :--- | :--- |
| **Type** | Precision Wirewound Potentiometer |
| **Turns** | Usually 10-turn (Multiturn) |
| **Standard Resistance** | Commonly 100Ω to 100kΩ (check specific marking) |
| **Tolerance** | ±5% (Standard) to ±1% (Precision) |
| **Power Rating** | Typically 2.0 Watts at 70°C |
| **Operating Temp** | -55°C to +125°C |
---
### 2. Key Internal Electronic Parts
The internal construction of the MHO+22FFG-R consists of several critical mechanical and electrical elements:
1. **Resistance Element (Wirewound):** A precision-drawn resistive wire (often nickel-chromium alloy) wound tightly around an insulated core. This provides the stable resistance value.
2. **Wiper (Contact):** A precious metal contact (often gold or silver-plated) that moves along the resistive wire to vary the output voltage/resistance.
3. **Helical Track:** Because it is a "multi-turn" device, the internal element is arranged in a helix, allowing the wiper to travel several full rotations (3600°) for high resolution.
4. **Shaft and Bushing:** Usually made of stainless steel or brass with nickel plating to ensure smooth mechanical rotation and durability.
---
### 3. Pinout and Connection
Most units in this series follow a standard 3-pin configuration:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | Terminal 1 | Connected to one end of the resistive element. |
| **2** | Wiper | The adjustable output that moves as the shaft turns. |
| **3** | Terminal 2 | Connected to the other end of the resistive element. |
---
### 4. Applications
The MHO+22FFG-R is used in environments where a standard carbon potentiometer is too imprecise or prone to "noise":
* **Industrial Controls:** Setting motor speeds or voltage thresholds.
* **Medical Equipment:** Calibration of sensors and diagnostic tools.
* **Test & Measurement:** Used in power supplies and signal generators for fine-tuning.
* **Avionics:** Control panels requiring vibration resistance and high thermal stability.
- ⤷
How does the '10-turn' mechanism improve resolution compared to single-turn pots?
- ⤷ What are the specific soldering precautions for the MHO+22FFG-R terminals?
- ⤷ Can this component be used as a rheostat instead of a potentiometer?