MHO+22TAAG-R
AI

The **MHO+22TAAG-R** is a specific part number typically associated with a **Crystal Oscillator** or a high-precision frequency control component. These parts are fundamental in electronic circuits for generating stable clock signals.
---
### 1. Component Overview
Based on standard nomenclature for frequency control components, here is a breakdown of the technical characteristics:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (SPXO - Simple Packaged Crystal Oscillator) |
| **Package Style** | 14-Pin DIP (Full Size) or Half-Size equivalent |
| **Output Type** | CMOS / TTL Compatible |
| **Stability** | Usually ±50ppm to ±100ppm |
| **Operating Voltage** | Typically 5.0V or 3.3V (standard for the MHO series) |
---
### 2. Pin Configuration
For standard 14-pin DIP oscillators (where only 4 pins are actually present), the pinout generally follows this industry standard:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC / Tri-state | No connection or Output Enable/Disable |
| **7** | GND | Ground connection |
| **8** | Output | The generated clock signal (square wave) |
| **14** | Vcc | Positive Power Supply |
---
### 3. Key Electronic Characteristics
* **Frequency Stability:** The "22" in the part number often refers to a specific frequency (e.g., 22.000 MHz) or a stability rating. These components are designed to maintain a consistent frequency despite temperature fluctuations.
* **Load Capacitance:** These parts are tuned to operate with a specific load (often 15pF to 50pF), ensuring the output waveform remains clean.
* **Rise/Fall Time:** Designed with fast switching speeds to minimize "jitter" in digital circuits, which is critical for timing-sensitive applications like microprocessors.
---
### 4. Common Applications
These oscillators are found in various electronic systems where a reliable "heartbeat" is required:
1. **Microcontrollers:** Providing the external clock source for CPUs.
2. **Networking:** Synchronizing data transmission in Ethernet or Serial interfaces.
3. **Industrial Controls:** Timing for PLCs and automation hardware.
4. **Legacy Hardware:** Often used in older computer systems or specialized radio equipment.
- ⤷
What is the specific output frequency of this model?
- ⤷ Can this oscillator be used in a 3.3V circuit if it is rated for 5V?
- ⤷ What is the difference between a crystal and a crystal oscillator?