MHO+23FBG-R
AI

The **MHO+23FBG-R** is a high-precision, high-frequency crystal oscillator, typically used in telecommunications and data networking. It belongs to the MHO series of **Clock Oscillators (XO)** manufactured by companies like MtronPTI.
---
### 1. Technical Specifications
The part number follows a specific nomenclature. Here is the breakdown of its primary electronic characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Type** | Crystal Oscillator (XO) | Uses a quartz crystal to generate a stable clock signal. |
| **Package** | 4-Pin DIP (Full Size) | Metal can package for through-hole mounting. |
| **Output Type** | HCMOS / TTL | Compatible with high-speed CMOS and TTL logic levels. |
| **Supply Voltage** | 5.0 VDC | Standard operating voltage for legacy and industrial systems. |
| **Stability** | ±100 ppm (Typical) | Frequency stability over the operating temperature range. |
| **Frequency Range** | 1.0 MHz to 150 MHz | The specific frequency is usually marked on the top of the can. |
---
### 2. Physical Construction and Pins
The "FBG" and "R" suffixes often denote specific temperature ranges and RoHS compliance.
* **Housing:** Hermetically sealed metal package to reduce Electromagnetic Interference (EMI) and protect the internal quartz from moisture.
* **Pinout Configuration:**
1. **Pin 1 (NC/Enable):** No Connection or Output Enable/Disable.
2. **Pin 7 (GND):** Case ground and circuit return.
3. **Pin 8 (Output):** The generated square wave frequency.
4. **Pin 14 (Vcc):** +5V Power Supply.
---
### 3. Key Electronic Features
* **Low Jitter:** Designed for timing-sensitive applications like Ethernet, Fibre Channel, and SONET.
* **Tri-State Functionality:** Often includes an enable/disable function on Pin 1, allowing the output to be placed in a high-impedance state for testing or power saving.
* **RoHS Compliant:** The "-R" suffix indicates that the part meets the Restriction of Hazardous Substances directive (Lead-free).
---
### 4. Application Areas
Because of its 5V operation and robust metal casing, it is commonly found in:
* Industrial automation controllers.
* Legacy networking hardware (Routers/Switches).
* Test and measurement instrumentation.
* Medical electronic devices.
- ⤷
What is the exact frequency of your specific MHO+23FBG-R unit?
- ⤷ How do I test if this oscillator is functioning using an oscilloscope?
- ⤷ Are there 3.3V alternatives to the MHO series oscillators?