AI

The **MHO+23TDD-R** is a specific part number typically associated with **MHO+ Series** high-precision, high-frequency crystal oscillators or electronic timing modules. These components are essential in telecommunications, networking, and precision instrumentation.
Below is a detailed breakdown of the electronic characteristics and specifications typical for this part.
---
### 1. General Specifications
The part belongs to a family of **Thru-Hole (THT)** crystal oscillators, often housed in a 14-pin or 8-pin DIP (Dual In-line Package) compatible metal enclosure.
| Feature | Description |
| :--- | :--- |
| **Output Type** | CMOS / TTL Compatible |
| **Package Style** | 14-pin DIP (Full size) or 8-pin DIP (Half size) |
| **Frequency Range** | Usually 1.000 MHz to 100.000 MHz |
| **Supply Voltage** | Typically 5.0V or 3.3V (Varies by suffix) |
| **Operating Temperature** | Standard (-10°C to +70°C) or Extended (-40°C to +85°C) |
---
### 2. Part Number Breakdown (Decoding)
While naming conventions vary slightly by manufacturer (such as MtronPTI), the suffix "23TDD-R" generally decodes as follows:
* **MHO+**: The series designation (High-speed CMOS/TTL Oscillator).
* **23**: Often denotes the frequency stability (e.g., ±50ppm or ±100ppm depending on the datasheet version).
* **T**: Denotes the operating temperature range (T usually refers to the standard commercial range).
* **DD**: Often refers to the Duty Cycle (e.g., 45/55% tight symmetry).
* **-R**: Indicates **RoHS Compliance** (Lead-free).
---
### 3. Pin Configuration
For the standard 14-pin DIP package (though only 4 pins are usually active):
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | NC or Tri-state | No connection or Output Enable/Disable |
| 7 | GND | Circuit and Case Ground |
| 8 | Output | The generated clock signal |
| 14 | Vcc | Positive Supply Voltage |
---
### 4. Key Electronic Features
1. **Low Jitter:** Designed for timing-sensitive applications like Ethernet, T1/E1, and Fibre Channel.
2. **Hermetic Seal:** The metal "can" is resistance-welded to protect the internal quartz crystal from moisture and atmospheric contaminants.
3. **Tri-state Functionality:** Allows the output to be placed in a high-impedance state, which is useful for testing or bus-oriented systems.
---
### 5. Common Applications
* **Networking Equipment:** Routers, switches, and hubs.
* **Industrial Controllers:** PLC (Programmable Logic Controllers) and automation hardware.
* **Legacy Computing:** Motherboards and peripheral cards requiring a stable clock source.
* **Test & Measurement:** Oscilloscopes and signal generators.
- ⤷
What is the exact frequency of your specific MHO+23TDD-R unit?
- ⤷ Do you need help identifying a modern surface-mount (SMD) equivalent for this part?
- ⤷ Are you troubleshooting a clock signal issue in a specific circuit?