MHO+24FFG-R
AI

The **MHO+24FFG-R** is a specific part number typically associated with **Quartz Crystal Oscillators**, often manufactured by companies like *Hosonic Electronic* or *Mercury Electronic*. This component is a frequency control device used to provide a stable clock signal for digital circuits.
---
### 1. Component Specification Table
| Feature | Description |
| :--- | :--- |
| **Component Type** | Quartz Crystal Oscillator (SPXO) |
| **Frequency** | 24.000 MHz (Megahertz) |
| **Package Type** | DIP-14 (Full-size) or DIP-8 (Half-size) - Metal Can |
| **Supply Voltage** | Typically 5.0V (Standard for MHO series) |
| **Output Type** | TTL / HCMOS Compatible |
| **Frequency Stability** | Usually ±25ppm to ±100ppm |
| **Operating Temperature** | Commercial (0°C to +70°C) or Industrial (-40°C to +85°C) |
| **RoHS Status** | Compliant (Indicated by the "R" suffix) |
---
### 2. Breakdown of the Part Number
The alphanumeric string follows a specific manufacturer coding logic:
* **MHO:** Series prefix (Metal Hollow Oscillator), typically indicating a standard 14-pin or 8-pin DIP metal package.
* **24:** Represents the base frequency. In this case, **24.000 MHz**.
* **FFG:** This is a manufacturer-specific code for internal parameters:
* **F:** Frequency stability rating.
* **F:** Operating temperature range.
* **G:** Output load or Duty Cycle specifications.
* **R:** Indicates **RoHS Compliance** (Lead-free).
---
### 3. Key Electronic Functions
1. **Clock Generation:** It acts as the "heartbeat" for microcontrollers, FPGAs, and communication ICs.
2. **Active Component:** Unlike a passive 2-pin crystal, this is an **Oscillator**. It contains the quartz crystal PLUS the oscillation circuitry (transistors/capacitors) inside the metal can.
3. **Signal Integrity:** The metal casing provides EMI (Electromagnetic Interference) shielding, ensuring the clock signal remains clean and stable despite surrounding electronic noise.
---
### 4. Pin Configuration (Typical DIP-14)
* **Pin 1:** NC (No Connection) or Tri-state Control (Enable/Disable).
* **Pin 7:** Ground (GND).
* **Pin 8:** Output (Square Wave signal).
* **Pin 14:** Supply Voltage (Vcc / +5V).
---
- ⤷
What is the difference between this oscillator and a standard 2-pin quartz crystal?
- ⤷ How do I test if the MHO+24FFG-R is functioning correctly using an oscilloscope?
- ⤷ Can this 5V oscillator be used in a 3.3V logic circuit?