MHO+27FAAG-R
AI

The **MHO+27FAAG-R** is an electronic component, specifically a **high-precision, temperature-compensated crystal oscillator (TCXO)** or a specialized clocking device typically used in telecommunications and networking equipment.
Below is a breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The part belongs to a family of timing components designed for high stability in varying environmental conditions.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (TCXO / Clock) |
| **Frequency** | Typically 27.000 MHz (indicated by "27" in the part number) |
| **Package Type** | Surface Mount Device (SMD) |
| **Output Type** | CMOS / HCMOS |
| **RoHS Status** | Compliant (indicated by "-R") |
---
### 2. Part Number Breakdown
While manufacturer codes vary slightly, the nomenclature generally follows this logic:
* **MHO+**: Series prefix (often associated with high-precision clock oscillators).
* **27**: Nominal Frequency (27 MHz).
* **F**: Stability Grade (Refers to frequency tolerance, usually ±20ppm to ±50ppm).
* **AA**: Operating Voltage (Commonly 3.3V or 5.0V).
* **G**: Operating Temperature Range (Often -40°C to +85°C for Industrial Grade).
* **-R**: RoHS Compliant (Lead-free).
---
### 3. Key Electronic Characteristics
* **Frequency Stability:** Designed to maintain a consistent clock signal despite temperature fluctuations, which is critical for data synchronization.
* **Phase Jitter:** Low jitter performance to ensure clean data transmission in high-speed digital circuits.
* **Power Consumption:** Optimized for low current draw, making it suitable for embedded systems.
* **Load Capacitance:** Usually calibrated for a 15pF load.
---
### 4. Common Applications
This specific frequency and stability grade are often found in:
1. **Video Equipment:** Used as a reference clock for HDMI or video processing chipsets.
2. **Network Interfaces:** Providing the base clock for Ethernet controllers.
3. **Microcontrollers:** External clock source for high-performance MCUs requiring better precision than internal RC oscillators.
---
- ⤷
What is the specific input voltage requirement for the AA variant of this component?
- ⤷ How does a TCXO differ from a standard XO in a digital circuit?
- ⤷ What are the physical dimensions of the SMD package for the MHO series?