MHO+27FAG-R
AI

The part number **MHO+27FAG-R** typically refers to a high-precision **SMD (Surface Mount Device) Quartz Crystal Oscillator**. These components are essential in electronics for generating a stable clock frequency used to synchronize data and operations within a circuit.
Below is a detailed breakdown of the electronic specifications and characteristics of this component.
---
### 1. General Specifications
Based on standard naming conventions for the MHO series (often manufactured by companies like Mercury Electronic), here are the typical technical parameters:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) | Active oscillator with internal circuitry. |
| **Frequency** | 27.000 MHz | The base operating frequency. |
| **Output Type** | HCMOS / TTL | Compatible with most digital logic circuits. |
| **Package Size** | 5.0 x 7.0 mm | Standard 4-pad ceramic SMD package. |
| **Supply Voltage** | 3.3V or 5.0V | Dependent on specific sub-series (usually 3.3V). |
| **Stability** | ±25ppm to ±100ppm | Frequency variance over temperature range. |
---
### 2. Breakdown of the Part Number
While naming conventions can vary slightly by manufacturer, the suffix **"R"** usually denotes the packaging format.
* **MHO:** Series identifier (High-stability Metal/Ceramic Hybrid Oscillator).
* **27:** Represents the nominal frequency (27 MHz).
* **FAG:** Internal manufacturer code for frequency stability and operating temperature range (e.g., -40°C to +85°C).
* **-R:** Indicates **Tape & Reel** packaging for automated pick-and-place assembly.
---
### 3. Pin Configuration
These oscillators typically feature 4 pads on the bottom of the ceramic housing:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | Enable/Disable (E/D) | Tri-state function (High = Output, Low = High Impedance). |
| **2** | GND | Ground connection. |
| **3** | Output | The 27MHz clock signal output. |
| **4** | Vdd | Positive power supply input. |
---
### 4. Key Applications
Because 27 MHz is a standard fundamental frequency, this part is commonly found in:
* **Video Equipment:** Used in HDMI controllers and digital video processing.
* **Networking:** Ethernet controllers and wireless communication modules.
* **Microcontrollers:** Providing the external "heartbeat" for high-speed MCUs.
* **USB Controllers:** Often used as a reference clock for USB 2.0/3.0 interfaces.
---
### 5. Circuit Design Tip
When integrating the MHO+27FAG-R into a PCB layout, it is critical to place a **0.01µF to 0.1µF bypass capacitor** as close as possible to the Vdd (Pin 4) and GND (Pin 2) to minimize electrical noise and ensure frequency stability.
- ⤷
What is the exact input voltage requirement for the MHO+27FAG-R?
- ⤷ Can this oscillator be used in automotive-grade environments?
- ⤷ What are the common alternatives if this specific part is out of stock?