MHO+27TAAD-R
AI

The **MHO+27TAAD-R** is a specific electronic component, typically identified as a **high-precision, temperature-compensated crystal oscillator (TCXO)** or a specialized clock oscillator manufactured by companies like MtronPTI.
---
### 1. Component Overview
This part belongs to the frequency control category. It is designed to provide a highly stable clock signal for digital circuits, even when environmental temperatures fluctuate.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (TCXO / Clock) |
| **Package Type** | Surface Mount Device (SMD) |
| **Typical Frequency** | Varies by sub-model (often in the MHz range) |
| **Output Type** | CMOS / TTL Compatible |
| **RoHS Status** | R suffix usually indicates RoHS Compliant |
---
### 2. Part Number Breakdown (Typical)
While manufacturers have unique naming conventions, the alphanumeric string "MHO+27TAAD-R" generally breaks down as follows:
* **MHO:** Series designation (often indicating a specific package size or metal header style).
* **27:** Can refer to the supply voltage (e.g., 2.7V or 3.3V) or a physical dimension code.
* **T:** Temperature range indicator (usually Industrial grade: -40°C to +85°C).
* **AA:** Accuracy/Stability code (defines how many parts per million (ppm) the frequency shifts).
* **D:** Duty cycle or Output Enable functionality.
* **-R:** RoHS compliant (Lead-free).
---
### 3. Key Electronic Characteristics
#### A. Frequency Stability
Unlike standard crystals, the "TAAD" designation often implies internal compensation. This ensures that the clock frequency remains consistent within ±1ppm to ±50ppm, preventing data synchronization errors in high-speed networks.
#### B. Waveform and Load
It produces a square wave output. This is essential for driving the "Heartbeat" of microprocessors, FPGAs, and Digital Signal Processors (DSPs).
#### C. Supply Voltage
These parts typically operate on low DC voltages (usually 3.3V or 5.0V), making them suitable for modern low-power PCB designs.
---
### 4. Common Applications
* **Telecommunications:** Base stations and switching equipment.
* **Embedded Systems:** Industrial controllers requiring precise timing.
* **Navigation:** GPS and positioning hardware.
* **Computing:** High-speed data bus synchronization.
- ⤷
What is the specific frequency of the MHO+27TAAD-R variant you are using?
- ⤷ How does a TCXO differ from a standard crystal oscillator in a circuit?
- ⤷ What are the pinout configurations for this SMD package?