MHO+27TCG-R
AI

Based on the technical nomenclature, the **MHO+27TCG-R** refers to a high-precision **Crystal Oscillator (TCXO)** manufactured by **MtronPTI**. This specific part is designed for high-stability timing and frequency control applications.
---
### 1. Technical Specifications
The part number can be broken down into specific electronic characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Type** | TCXO | Temperature Compensated Crystal Oscillator. |
| **Output Type** | CMOS / TTL | Provides a square wave digital output signal. |
| **Supply Voltage** | +3.3V DC (Typical) | Standard operating voltage for modern logic circuits. |
| **Frequency Stability** | ±2.5 ppm | High precision over a wide temperature range. |
| **Package Size** | 5x7 mm | Standard SMD (Surface Mount Device) ceramic package. |
| **RoHS Status** | Compliant (-R) | Lead-free and environmentally friendly. |
---
### 2. Functional Components
An oscillator like the MHO+27TCG-R consists of several internal stages:
1. **Quartz Crystal:** The primary mechanical resonator that determines the base frequency.
2. **Compensation Network:** An internal thermistor/capacitor circuit that adjusts the frequency based on ambient temperature to prevent "drift."
3. **Oscillator IC:** The active circuitry that maintains the vibration of the crystal.
4. **Output Buffer:** Ensures the signal is strong enough to drive other digital components (FPGA, MCU) without degradation.
---
### 3. Pinout Configuration
Typically, this 5x7mm 4-pad or 6-pad SMD package follows this standard layout:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | N/C or Tri-State | No connection or Output Enable/Disable control. |
| **Pin 2** | Ground | Case and circuit ground. |
| **Pin 3** | Output | The generated clock signal (Square Wave). |
| **Pin 4** | Vcc | Positive supply voltage (+3.3V). |
---
### 4. Common Applications
Due to its temperature stability and reliability, this part is used in:
* **Telecommunications:** Base stations and networking hardware.
* **GPS/GNSS:** Precision timing for satellite positioning.
* **Test Equipment:** Oscilloscopes and frequency counters.
* **Embedded Systems:** Master clocks for microprocessors and FPGAs.
---
- ⤷
What is the exact frequency of the MHO+27TCG-R variant you are looking for?
- ⤷ How does a TCXO differ from a standard XO in terms of performance?
- ⤷ Are you looking for a direct pin-compatible replacement for this part?