MHO+28TCG-R
AI

The **MHO+28TCG-R** is a specific part number typically associated with **MHO+ series** quartz crystal oscillators. These are high-performance timing components used to provide a stable clock frequency for electronic circuits.
Below is a detailed breakdown of its specifications and electronic characteristics.
---
### 1. General Specifications
The part number follows a specific nomenclature that defines its electrical and physical properties.
| Parameter | Value / Description |
| :--- | :--- |
| **Component Type** | Quartz Crystal Oscillator (SPXO) |
| **Package Style** | Half-size DIP (8-pin footprint, 4 pins used) |
| **Frequency Range** | Typically fixed (refer to specific marking on unit) |
| **Output Type** | CMOS / TTL Compatible |
| **Operating Voltage** | 5.0V DC (Standard for MHO+ series) |
| **RoHS Status** | Compliant (Indicated by the "R" suffix) |
---
### 2. Pin Configuration
These oscillators usually come in a 4-pin configuration within a metal "can" package.
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | NC / Tri-state | No connection or Output Enable/Disable |
| **Pin 4** | GND | Circuit Ground |
| **Pin 5** | Output | The generated clock signal (Square Wave) |
| **Pin 8** | Vcc | Positive Supply Voltage (+5.0V) |
---
### 3. Key Electronic Characteristics
The "TCG" and "R" suffixes provide specific details regarding environmental and physical compliance:
* **TCG (Stability/Tolerance):** This code usually refers to the frequency stability over a specific temperature range. In the MHO series, this often denotes a stability of ±100ppm or ±50ppm depending on the specific manufacturer datasheet revision.
* **CMOS/TTL Drive:** The part is designed to drive multiple logic gates (usually up to 10 TTL loads), making it versatile for older industrial equipment and modern digital logic.
* **Through-Hole Mounting:** The "DIP" style package is intended for through-hole PCB mounting, providing high mechanical stability compared to surface-mount (SMD) equivalents.
---
### 4. Common Applications
* **Microprocessor Clocks:** Providing the master heartbeat for CPUs and MCUs.
* **Embedded Systems:** Used in industrial controllers where 5V logic is standard.
* **Networking Equipment:** Timing for data transmission and synchronization.
* **Legacy Hardware:** Frequent replacement part for vintage computing and radio equipment.
- ⤷
What is the exact frequency of the MHO+28TCG-R version you are looking at?
- ⤷ Can this oscillator be used in a 3.3V circuit?
- ⤷ What are the physical dimensions of a half-size DIP oscillator package?