MHO+31FAG-R
AI

The **MHO+31FAG-R** is a specific part number typically associated with **MHO (Metal Hybrid Oxide)** series components, often manufactured by companies like *Tusonix* (now part of CTS Corporation) or specialized oscillator manufacturers.
Based on the alphanumeric coding, this part is an **HCMOS/TTL Clock Oscillator**. Below is a detailed breakdown of its electronic specifications and characteristics.
---
### 1. Technical Specifications
| Parameter | Specification |
|:--- |:--- |
| **Component Type** | Crystal Oscillator (Clock) |
| **Package Style** | 14-Pin DIP (Thru-Hole) - often 4 pins connected |
| **Output Type** | HCMOS / TTL Compatible |
| **Operating Voltage** | Typically 5.0V DC |
| **Frequency Stability** | ±100ppm (Standard for '31' series) |
| **Operating Temp Range** | 0°C to +70°C (Commercial Grade) |
| **RoHS Status** | Compliant (Indicated by the '-R' suffix) |
---
### 2. Functional Characteristics
#### A. Internal Construction
The device consists of a quartz crystal resonator combined with an integrated circuit (IC) that handles the oscillation and output buffering. This ensures a stable square wave signal used for timing in digital circuits.
#### B. Pin Configuration (Standard 14-Pin DIP Layout)
Even though it has a 14-pin footprint, usually only 4 pins are active:
* **Pin 1:** NC (No Connection) or Tri-state Control.
* **Pin 7:** Ground (GND).
* **Pin 8:** Output Signal.
* **Pin 14:** Supply Voltage (Vcc).
#### C. The "-R" Suffix
The suffix indicates **RoHS Compliance**. This means the part is manufactured without lead (Pb) and other hazardous substances, making it suitable for modern environmentally regulated production.
---
### 3. Common Applications
This component is used as a "heartbeat" for various electronic systems to synchronize data processing:
* **Microprocessors:** Providing the base clock frequency.
* **Embedded Systems:** Timing for microcontrollers (MCUs).
* **Communication Equipment:** Synchronizing data transmission in networking hardware.
* **Legacy Hardware:** Maintenance and repair of older industrial motherboards.
---
### 4. Part Number Breakdown (Estimated)
| Prefix | Stability Code | Package/Logic | Suffix |
|:--- |:--- |:--- |:--- |
| **MHO** | **31** | **FAG** | **-R** |
| Series Name | ±100ppm Stability | Full Size DIP / Logic Type | RoHS Compliant |
- ⤷
What is the exact frequency of your specific MHO+31FAG-R unit?
- ⤷ Can this oscillator be used in a 3.3V circuit?
- ⤷ What are the pin-compatible alternatives if this part is obsolete?