MHO+31TBD-R
AI

The **MHO+31TBD-R** is a high-precision, high-frequency **TCXO (Temperature Compensated Crystal Oscillator)** manufactured by MtronPTI. These components are essential in applications requiring extreme frequency stability over a wide temperature range.
---
### 1. Key Technical Specifications
Below are the primary electronic characteristics typical of the MHO+ series (specifically the 31TBD-R variant):
| Feature | Specification |
| :--- | :--- |
| **Output Type** | HCMOS / TTL Compatible |
| **Input Voltage ($V_{dd}$)** | 3.3V DC (Typical) |
| **Frequency Range** | Usually between 1.0 MHz and 160.0 MHz |
| **Frequency Stability** | ±1.0 ppm to ±5.0 ppm (vs Temperature) |
| **Operating Temp Range** | -40°C to +85°C (Industrial Grade) |
| **Package Style** | 14-pin DIP (Thru-hole), Metal Can |
| **RoHS Status** | Compliant (-R suffix indicates RoHS) |
---
### 2. Functional Electronic Components
The "MHO" series integrates several internal electronic stages within its metal shielding:
1. **Quartz Crystal Resonator:** The heart of the device, providing the fundamental mechanical resonance.
2. **Compensation Circuitry:** Contains a temperature sensor and a compensation network that adjusts the load capacitance of the crystal to counteract frequency "drift" caused by heat or cold.
3. **Buffer Amplifier:** An internal IC that strengthens the signal to ensure it can drive HCMOS/TTL loads without degrading the waveform.
4. **Voltage Regulator:** Often included internally to minimize frequency fluctuations caused by small changes in the input supply voltage.
---
### 3. Pin Configuration (14-Pin DIP Style)
While the physical unit has 14 pins, most are "dummy" pins for mechanical stability. The active electronic pins are usually:
* **Pin 1:** NC (No Connection) or Tri-state Control.
* **Pin 7:** Case Ground (VSS).
* **Pin 8:** Output (The clock signal).
* **Pin 14:** Supply Voltage (VDD).
---
### 4. Typical Applications
Because of its high stability and metal casing (which provides EMI shielding), this part is commonly used in:
* **Telecommunications:** Base stations and switching equipment.
* **Test & Measurement:** Oscilloscopes and frequency counters.
* **Aerospace/Defense:** Navigation systems where timing precision is critical.
* **Data Communications:** High-speed Ethernet synchronization.
---
- ⤷
What is the difference between a TCXO like the MHO+31 and a standard Crystal (XTAL)?
- ⤷ How does the Tri-state function on Pin 1 affect the electronic circuit?
- ⤷ What are the specific soldering requirements for the -R RoHS compliant version?