MHO+32FBG-R
AI

The **MHO+32FBG-R** refers to a high-performance, small-form-factor pluggable optical transceiver module, typically categorized as a **100G QSFP28** (Quad Small Form-factor Pluggable 28) module. These components are critical in modern data centers and telecommunications for high-speed data transmission over fiber optic cables.
---
## 1. Technical Specifications
The following table outlines the primary electronic and optical characteristics of the MHO+32FBG-R:
| Parameter | Specification |
| :--- | :--- |
| **Form Factor** | QSFP28 |
| **Data Rate** | 100 Gbps (4 x 25.78 Gbps lanes) |
| **Wavelength** | 1310 nm (CWDM4 or LR4 standard) |
| **Reach/Distance** | Typically 2km to 10km (Standard dependent) |
| **Connector Type** | Duplex LC |
| **Media Type** | Single-Mode Fiber (SMF) |
| **Supply Voltage** | 3.3V |
| **Power Consumption** | < 3.5W |
---
## 2. Key Electronic Components
The internal architecture of the MHO+32FBG-R consists of several sophisticated electronic sub-assemblies:
### A. Optical Sub-Assemblies (OSA)
* **TOSA (Transmitter Optical Sub-Assembly):** Converts electrical signals into light. It usually contains four DFB (Distributed Feedback) lasers or EML (Electro-absorption Modulated Lasers).
* **ROSA (Receiver Optical Sub-Assembly):** Converts light back into electrical signals using PIN photodiodes and a TIA (Trans-Impedance Amplifier).
### B. Integrated Circuits (ICs)
* **Clock and Data Recovery (CDR):** Essential for maintaining signal integrity at 25Gbps per lane by reducing jitter.
* **Laser Driver:** Modulates the electrical current to drive the TOSA.
* **Microcontroller:** Manages the module’s identification, digital diagnostics monitoring (DDM), and communication with the host switch via the I2C interface.
### C. Digital Diagnostics Monitoring (DDM)
This electronic feature allows the host system to monitor real-time parameters such as:
1. **Optical Output Power**
2. **Optical Input Power (RSSI)**
3. **Internal Temperature**
4. **Laser Bias Current**
5. **Supply Voltage**
---
## 3. Application and Compatibility
The MHO+32FBG-R is designed for high-density networking environments.
* **Switching/Routing:** Used in core switches and high-end routers.
* **Data Centers:** Facilitates spine-and-leaf architecture connectivity.
* **Compatibility:** While manufactured by specific vendors (often associated with brands like Mellanox/NVIDIA or generic equivalents), it follows MSA (Multi-Source Agreement) standards to ensure it works across different hardware platforms.
---
- ⤷
What is the difference between QSFP28 and QSFP+ in terms of electronic pinout?
- ⤷ How does the DDM interface communicate with a network switch?
- ⤷ What are the specific thermal management requirements for this 100G module?