MHO+33TAAD-R
AI

The **MHO+33TAAD-R** is a specific part number for a **High-Precision Crystal Oscillator** (Clock Oscillator). These components are essential in electronics for generating a stable frequency used as a "heartbeat" for microprocessors and digital circuits.
### 1. General Specifications
Based on the part numbering convention (typically associated with manufacturers like MtronPTI), here are the technical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) |
| **Package Style** | 14-pin DIP (Full Size) / Metal Can |
| **Output Type** | CMOS / TTL |
| **Voltage Supply** | 3.3V (Typical for the '33' series) |
| **Frequency Stability** | Usually ±50ppm or ±100ppm (depending on suffix) |
| **Operating Temp** | Standard Industrial or Commercial range |
| **RoHS Status** | Compliant (indicated by the **-R** suffix) |
---
### 2. Breakdown of the Part Number
The alphanumeric string provides specific details about the component's construction:
* **MHO:** This prefix usually denotes the product series (Metal Half-size or Full-size Oscillators).
* **33:** Refers to the operating voltage, which is **3.3 Volts DC**.
* **T:** Generally indicates the output type, in this case, **TTL/CMOS** compatibility.
* **AA:** Internal codes for frequency stability and operating temperature range.
* **D:** Often indicates a specific pin configuration (e.g., Pin 1 Tri-state/Enable function).
* **-R:** Stands for **RoHS Compliant** (Lead-free).
---
### 3. Key Electronic Functions
The MHO+33TAAD-R serves three primary roles in a circuit:
1. **Frequency Generation:** It converts DC electrical energy from the power supply into a stable AC square wave signal.
2. **Clocking:** It provides the timing reference for synchronous digital systems (CPUs, FPGAs, or Communication ICs).
3. **Signal Conditioning:** Unlike a simple 2-pin crystal, this is an **active** component. It includes the quartz crystal AND the oscillation circuitry (capacitors/transistors) inside the metal can, ensuring a clean output without needing external load capacitors.
---
### 4. Common Applications
* **Legacy Computing:** Industrial motherboards using through-hole components.
* **Communication Equipment:** Modems and routers requiring stable timing.
* **Test & Measurement:** Oscilloscopes or signal generators.
* **Industrial Control:** PLCs (Programmable Logic Controllers).
- ⤷
What is the exact frequency of your specific MHO+33TAAD-R unit?
- ⤷ How does an active crystal oscillator differ from a passive quartz crystal?
- ⤷ What are the pinout connections for a standard 14-pin DIP oscillator?